Electronic Components Datasheet Search
  English  ▼

X  

MAX4558EEE Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX4558EEE
Description  짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4558EEE Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX4558EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
±15kV ESD-Protected, Low-Voltage, CMOS
Analog Multiplexers/Switches
14
______________________________________________________________________________________
___________________Chip Information
TRANSISTOR COUNT: 221
CHARGE-CURRENT
LIMIT RESISTOR
DISCHARGE
RESISTANCE
STORAGE
CAPACITOR
Cs
100pF
RC
1M
RD
1500
Ω
HIGH-
VOLTAGE
DC
SOURCE
DEVICE
UNDER
TEST
Figure 6. Human Body ESD Test Model
IP 100%
90%
36.8%
tRL
TIME
tDL
CURRENT WAVEFORM
PEAK-TO-PEAK RINGING
(NOT DRAWN TO SCALE)
Ir
10%
0
0
AMPERES
Figure 7. Human Body Model Current Waveform
Test Circuits/Timing Diagrams (continued)
Ordering Information (continued)
PART
MAX4558EEE
MAX4558ESE
MAX4558EPE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
16 Narrow SO
16 Plastic DIP
MAX4559CEE
MAX4559CSE
MAX4559CPE
0°C to +70°C
0°C to +70°C
0°C to +70°C
16 QSOP
16 Narrow SO
16 Plastic DIP
MAX4559EEE
MAX4559ESE
MAX4559EPE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
16 QSOP
16 Narrow SO
16 Plastic DIP
MAX4560CEE
MAX4560CSE
MAX4560CPE
0°C to +70°C
0°C to +70°C
0°C to +70°C
16 QSOP
16 Narrow SO
16 Plastic DIP
MAX4560EEE
MAX4560ESE
MAX4560EPE
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
16 QSOP
16 Narrow SO
16 Plastic DIP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com