Electronic Components Datasheet Search
  English  ▼

X  

MAX4558EEE Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4558EEE
Description  짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4558EEE Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4558EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
±15kV ESD-Protected, Low-Voltage, CMOS
Analog Multiplexers/Switches
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(VCC = +4.5V to +5.5V, VEE = 0, V_H = +2.4V, V_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
VX_, VY_, VZ_ = 3V; RL = 300Ω; CL = 35pF;
Figure 1
V
0.8
VA_, VB_,
VC_, VEN
Input Logic High
VA_, VB_,
VC_, VEN
2.4
VA, VB, VC, VEN = VCC or 0
µA
300
VA_, VB_,
VC_, VEN
Input Current Logic
High or Low
Input Logic Low
tON
-1
1
Turn-On Time
ns
C, E
C, E
VX_, VY_, VZ_ = 3V; RL = 300Ω; CL = 35pF;
Figure 1
V
200
tOFF
Turn-Off Time
ns
C, E
50
150
110
250
VX, VY, VZ = 2.5V; RS = 0; CL = 1nF;
Figure 3
pC
Q
Charge Injection
+25°C
1
+25°C
+25°C
CONDITIONS
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
TA
VX_, VY_, VZ_ = 3V; RL = 300Ω; CL = 35pF;
Figure 1
300
tTRANS
Address Transition Time
ns
C, E
VX_, VY_, VZ_ = 3V; RL = 300Ω; CL = 35pF;
Figure 3
10
tOPEN
Break-Before-Make Delay
ns
110
250
C, E
+25°C
C, E
C, E
VCC, VEE
V
Power-Supply Range
+2
+12
C, E
VCC = 5.5V; VAH, VBH, VCH, VEN = 0 or VCC
µA
ICC
VCC Supply Current
-1
1
+25°C
C, E
-10
10
DIGITAL I/O
POWER SUPPLY
SWITCH DYNAMIC CHARACTERISTICS (Note 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com