Electronic Components Datasheet Search
  English  ▼

X  

MAX4558EEE Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX4558EEE
Description  짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4558EEE Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX4558EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 9Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 10Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 11Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 12Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 13Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 14Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 15Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
±15kV ESD-Protected, Low-Voltage, CMOS
Analog Multiplexers/Switches
12
______________________________________________________________________________________
50%
V+
0V
VX, VY, VZ
VOUT
VA, VB, VC
0V
80%
tBBM
VCC
VOUT
VA, VB, VC
VA, VB
VA, VB, VC
VEE
GND
VCC
B
VEE
A
C
ENABLE
X0–X7
X
VCC
MAX4558
300
Ω
50
Ω
35pF
VCC
VOUT
VEE
GND
VCC
B
VEE
A
ENABLE
X0–X3,
Y0–Y3
X, Y
VCC
MAX4559
300
Ω
35pF
VCC
VOUT
VEE
GND
VCC
VEE
A, B, C
ENABLE
X0, X1, Y0,
Y1, Z0, Z1
X, Y, Z
VCC
MAX4560
300
Ω
35pF
50
Ω
50
Ω
VEE = 0 FOR SINGLE-SUPPLY OPERATION.
TEST EACH SECTION INDIVIDUALLY.
tR < 20ns
tF < 20ns
Figure 2. Break-Before-Make Interval
0V
VCC
VENABLE
∆ VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE
TRANSFER ERROR Q WHEN THE CHANNEL TURNS OFF.
∆ VOUT
VEE = 0V FOR SINGLE-SUPPLY OPERATION.
TEST EACH SECTION INDIVIDUALLY.
Q =
∆ VOUT • CL
VOUT
VCC
VOUT
VENABLE
VEE
GND
VCC
B
VEE
A
CHANNEL
SELECT
C
ENABLE
X_, Y_, Z_
X, Y, Z
MAX4558
MAX4559
MAX4560
50
Ω
CL = 1000pF
Figure 3. Charge Injection
Test Circuits/Timing Diagrams (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com