Electronic Components Datasheet Search
  English  ▼

X  

TLC2274-HT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274-HT
Description  TLC2274-HT Advanced LinCMOS Rail-to-Rail Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2274-HT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC2274-HT Datasheet HTML 9Page - Texas Instruments TLC2274-HT Datasheet HTML 10Page - Texas Instruments TLC2274-HT Datasheet HTML 11Page - Texas Instruments TLC2274-HT Datasheet HTML 12Page - Texas Instruments TLC2274-HT Datasheet HTML 13Page - Texas Instruments TLC2274-HT Datasheet HTML 14Page - Texas Instruments TLC2274-HT Datasheet HTML 15Page - Texas Instruments TLC2274-HT Datasheet HTML 16Page - Texas Instruments TLC2274-HT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
40
20
0
10
100
1 k
60
80
f − Frequency − Hz
100
10 k
100 k
1 M
10 M
VDD = 5 V
TA = 25°C
kSVR+
kSVR−
−20
Free-Air Temperature, TA (°C)
-50
0
50
100
150
200
86
88
90
92
94
96
98
100
102
D005
VDD = 5 V
VDD = ±5 V
10
1
0.1
1000
100
100
1 k
10 k
100 k
1 M
f − Frequency − Hz
VDD = ±5 V
TA = 25°C
AV = 100
AV = 10
AV = 1
60
40
20
0
10
100
1 k
10 k
80
100
100 k
1 M
f − Frequency − Hz
VDD = ±5 V
VDD = 5 V
10 M
TA = 25°C
10
1
0.1
1000
100
100
1 k
10 k
100 k
1 M
f − Frequency − Hz
VDD = 5 V
TA = 25°C
AV = 100
AV = 10
AV = 1
Free-Air Temperature, TA (°C)
-50
-25
0
25
50
75
100
125
150
175
200
1
2
3
5
7
10
20
30
50
70
100
D004
TLC2274-HT
www.ti.com
SGLS416 – JANUARY 2015
Typical Characteristics (continued)
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the devices.
VDD = ±5 V
VIC = 2.5 V
VO = ±4 V
RL = 10 kΩ
Figure 23. Output Impedance vs Frequency
Figure 22. Large-Signal Differential Voltage Amplification vs
Free-Air Temperature
Figure 25. Common-Mode Rejection Ratio vs Frequency
Figure 24. Output Impedance vs Frequency
Figure 26. Common-Mode Rejection Ratio vs Free-Air
Figure 27. Supply-Voltage Rejection Ratio vs Frequency
Temperature
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TLC2274-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com