Electronic Components Datasheet Search
  English  ▼

X  

TLC2274-HT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274-HT
Description  TLC2274-HT Advanced LinCMOS Rail-to-Rail Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2274-HT Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC2274-HT Datasheet HTML 15Page - Texas Instruments TLC2274-HT Datasheet HTML 16Page - Texas Instruments TLC2274-HT Datasheet HTML 17Page - Texas Instruments TLC2274-HT Datasheet HTML 18Page - Texas Instruments TLC2274-HT Datasheet HTML 19Page - Texas Instruments TLC2274-HT Datasheet HTML 20Page - Texas Instruments TLC2274-HT Datasheet HTML 21Page - Texas Instruments TLC2274-HT Datasheet HTML 22Page - Texas Instruments TLC2274-HT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
50 kΩ
50 kΩ
VDD −/ GND
VDD +
Rnull
CL
VI
+
−
OUT
+
−
+
−
+
−
+
−
+
−
+
−
+
−
+
−
+
−
.SUBCKT TLC227x 1 2 3 4 5
C1
11
1214E−12
C2
6
760.00E−12
DC
5
53DX
DE
54
5DX
DLP
90
91DX
DLN
92
90DX
DP
4
3DX
EGND
99
0POLY (2) (3,0) (4,) 0 .5 .5
FB
99
0POLY (5) VB VC VE VLP VLN 0
+ 984.9E3 −1E6 1E6 1E6 −1E6
GA
6
011 12 377.0E−6
GCM 0 6 10 99 134E−9
ISS
3
10DC 216.OE−6
HLIM
90
0VLIM 1K
J1
11
210 JX
J2
12
110 JX
R2
6
9100.OE3
RD1
60
112.653E3
RD2
60
122.653E3
R01
8
550
R02
7
9950
RP
3
44.310E3
RSS
10
99925.9E3
VAD
60
4−.5
VB
9
0DC 0
VC 3 53 DC .78
VE
54
4DC .78
VLIM
7
8DC 0
VLP
91
0DC 1.9
VLN
0
92DC 9.4
.MODEL DX D (IS=800.0E−18)
.MODEL JX PJF (IS=1.500E−12BETA=1.316E-3
+ VTO=−.270)
.ENDS
VCC+
RP
IN −
2
IN +
1
VCC−
VAD
RD1
11
J1
J2
10
RSS
ISS
3
12
RD2
60
VE
54
DE
DP
VC
DC
4
C1
53
R2
6
9
EGND
VB
FB
C2
GCM
GA
VLIM
8
5
RO1
RO2
HLIM
90
DIP
91
DIN
92
VIN
VIP
99
7
TLC2274-HT
www.ti.com
SGLS416 – JANUARY 2015
Application Information (continued)
Figure 46. Boyle Macromodels and Subcircuit
8.2 Typical Application
The TLC2274 is designed to drive larger capacitive loads than most CMOS operational amplifiers. Figure 48 and
Figure 49 show its ability to drive loads up to 1000 pF while maintaining good gain and phase margins (Rnull =
0).
Figure 47. Typical Application Schematic
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TLC2274-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com