Electronic Components Datasheet Search
  English  ▼

X  

TLC2274-HT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274-HT
Description  TLC2274-HT Advanced LinCMOS Rail-to-Rail Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2274-HT Datasheet(HTML) 2 Page - Texas Instruments

  TLC2274-HT Datasheet HTML 1Page - Texas Instruments TLC2274-HT Datasheet HTML 2Page - Texas Instruments TLC2274-HT Datasheet HTML 3Page - Texas Instruments TLC2274-HT Datasheet HTML 4Page - Texas Instruments TLC2274-HT Datasheet HTML 5Page - Texas Instruments TLC2274-HT Datasheet HTML 6Page - Texas Instruments TLC2274-HT Datasheet HTML 7Page - Texas Instruments TLC2274-HT Datasheet HTML 8Page - Texas Instruments TLC2274-HT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TLC2274-HT
SGLS416 – JANUARY 2015
www.ti.com
Table of Contents
7.1
Overview ................................................................. 17
1
Features .................................................................. 1
7.2
Functional Block Diagram ....................................... 17
2
Applications ........................................................... 1
7.3
Feature Description................................................. 17
3
Description ............................................................. 1
8
Application and Implementation ........................ 18
4
Revision History..................................................... 2
8.1
Application Information............................................ 18
5
Pin Configuration and Functions ......................... 3
8.2
Typical Application ................................................. 19
6
Specifications......................................................... 4
9
Power Supply Recommendations ...................... 22
6.1
Absolute Maximum Ratings ...................................... 4
10
Layout................................................................... 22
6.2
ESD Ratings.............................................................. 4
10.1
Layout Guidelines ................................................. 22
6.3
Recommended Operating Conditions ....................... 4
10.2
Layout Example .................................................... 22
6.4
Thermal Information .................................................. 4
11
Device and Documentation Support ................. 23
6.5
Electrical Characteristics, VDD = 5 V......................... 5
11.1
Trademarks ........................................................... 23
6.6
Operating Characteristics, VDD = 5 V ....................... 6
11.2
Electrostatic Discharge Caution ............................ 23
6.7
Electrical Characteristics, VDD± = ±5 V ..................... 7
11.3
Glossary ................................................................ 23
6.8
Operating Characteristics, VDD± = ±5 V .................... 8
12
Mechanical, Packaging, and Orderable
6.9
Typical Characteristics ............................................ 10
Information ........................................................... 23
7
Detailed Description ............................................ 17
4 Revision History
DATE
REVISION
NOTES
January 2015
*
Initial release.
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: TLC2274-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com