Electronic Components Datasheet Search
  English  ▼

X  

TLC2274-HT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2274-HT
Description  TLC2274-HT Advanced LinCMOS Rail-to-Rail Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2274-HT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC2274-HT Datasheet HTML 17Page - Texas Instruments TLC2274-HT Datasheet HTML 18Page - Texas Instruments TLC2274-HT Datasheet HTML 19Page - Texas Instruments TLC2274-HT Datasheet HTML 20Page - Texas Instruments TLC2274-HT Datasheet HTML 21Page - Texas Instruments TLC2274-HT Datasheet HTML 22Page - Texas Instruments TLC2274-HT Datasheet HTML 23Page - Texas Instruments TLC2274-HT Datasheet HTML 24Page - Texas Instruments TLC2274-HT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
CL − Load Capacitance (pF)
150
25
100
0
200
125
175
50
75
101
10 2
10 3
10 4
10 5
CL − Load Capacitance (pF)
15
10
5
0
20
25
101
10 2
10 3
10 4
10 5
Rnull = 100 Ω
Rnull = 50 Ω
Rnull = 10 Ω
Rnull = 500 Ω
Rnull = 200 Ω
TLC2274-HT
www.ti.com
SGLS416 – JANUARY 2015
TA = 25°C
Figure 51. Overestimation of Phase Margin vs Load
Figure 50. Unity-Gain Bandwidth vs Load Capacitance
Capacitance
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: TLC2274-HT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com