Electronic Components Datasheet Search
  English  ▼

X  

MAX4584 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4584
Description  Serially Controlled Audio/Video Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4584 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4584 Datasheet HTML 1Page - Maxim Integrated Products MAX4584 Datasheet HTML 2Page - Maxim Integrated Products MAX4584 Datasheet HTML 3Page - Maxim Integrated Products MAX4584 Datasheet HTML 4Page - Maxim Integrated Products MAX4584 Datasheet HTML 5Page - Maxim Integrated Products MAX4584 Datasheet HTML 6Page - Maxim Integrated Products MAX4584 Datasheet HTML 7Page - Maxim Integrated Products MAX4584 Datasheet HTML 8Page - Maxim Integrated Products MAX4584 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX4584/MAX4585 serial-interface, programmable
switches are ideal for multimedia applications. Each
device contains one normally open (NO) single-pole/
single-throw (SPST) switch and one single-pole/double-
throw (SPDT) switch. The MAX4584/MAX4585 feature
65
Ω on-resistance, 4Ω on-resistance matching
between channels, and 5
Ω on-resistance flatness.
Additionally, they have off-isolation of -83dB at 20kHz
and -48dB at 10MHz, with crosstalk of -84dB at 20kHz
and -60dB at 10MHz.
The MAX4584 uses a 2-wire I2C™-compatible serial
interface; the MAX4585 uses a 3-wire SPI™/QSPI™/
MICROWIRE™-compatible interface. Both devices are
available in a 10-pin µMAX package and are specified
for the extended-industrial (-40°C to +85°C) temperature
range.
Applications
Cellular Phones and Accessories
Private Mobile Radios (PMRs)
PC Multimedia Audio/Video Routing
Industrial Equipment
Set-Top Boxes
Video Conferencing
High-End Audio Equipment
Features
o +2.7V to +5.5V Single-Supply Operation
o SPST and SPDT Switches
o 65
Ω (max) RON with +5V Supply
o Audio Performance
-83dB Off-Isolation at 20kHz
-84dB Crosstalk at 20kHz
o Video Performance
-48dB Off-Isolation at 10MHz
-60dB Crosstalk at 10MHz
o Serial Interface
2-Wire I2C Compatible (MAX4584)
3-Wire SPI/QSPI/MICROWIRE Compatible
(MAX4585)
Serially Controlled
Audio/Video Switches
________________________________________________________________
Maxim Integrated Products
1
10
9
8
7
6
1
2
3
4
5
NO1A
NO1B
COM2
( ) ARE FOR MAX4585 ONLY.
NO2
SCL (SCLK)
V+
SDA (DIN)
A (CS)
COM1
TOP VIEW
GND
MAX4584
MAX4585
µMAX
19-1521; Rev 0; 8/99
PART
MAX4584EUB
MAX4585EUB
-40°C to +85°C
-40°C to +85°C
TEMP. RANGE
PIN-PACKAGE
10 µMAX
10 µMAX
Ordering Information
I2C is a trademark of Philips Corp.
SPI/QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.
Pin Configuration/
Functional Diagram


Similar Part No. - MAX4584

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX458 MAXIM-MAX458 Datasheet
135Kb / 16P
8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
MAX458-MAX459 MAXIM-MAX458-MAX459 Datasheet
135Kb / 16P
8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
MAX4580 MAXIM-MAX4580 Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4580 MAXIM-MAX4580 Datasheet
211Kb / 12P
1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4580-MAX4600 MAXIM-MAX4580-MAX4600 Datasheet
193Kb / 12P
1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
More results

Similar Description - MAX4584

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4548 MAXIM-MAX4548 Datasheet
273Kb / 20P
Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Rev 0; 6/99
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4562 MAXIM-MAX4562 Datasheet
219Kb / 16P
Serially Controlled, Clickless Audio/Video Switches
Rev 0; 4/99
MAX4571 MAXIM-MAX4571 Datasheet
315Kb / 16P
Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
11/02-Data Sheet changed from REV. A to REV. B.
ADG714 AD-ADG714_13 Datasheet
188Kb / 16P
CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
Serially Controlled, Octal SPST Switches
REV. C
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
Serially-Controlled, Matrix Switches
REV. A
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
Serially-Controlled, Matrix Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com