Electronic Components Datasheet Search
  English  ▼

X  

MAX4584 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4584
Description  Serially Controlled Audio/Video Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4584 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4584 Datasheet HTML 1Page - Maxim Integrated Products MAX4584 Datasheet HTML 2Page - Maxim Integrated Products MAX4584 Datasheet HTML 3Page - Maxim Integrated Products MAX4584 Datasheet HTML 4Page - Maxim Integrated Products MAX4584 Datasheet HTML 5Page - Maxim Integrated Products MAX4584 Datasheet HTML 6Page - Maxim Integrated Products MAX4584 Datasheet HTML 7Page - Maxim Integrated Products MAX4584 Datasheet HTML 8Page - Maxim Integrated Products MAX4584 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Serially Controlled
Audio/Video Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +3.0V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
nA
-1
0.001
1
V+ = 3.6V;
VCOM_ = 0.5V, 3V;
VNO_ _ = 3V, 0.5V
INO_ _(OFF)
NO_ _ Off-Leakage
Current (Notes 6, 9)
-10
10
TA = TMIN to TMAX
TA = +25°C
nA
-1
0.001
1
V+ = 3.6V;
VCOM_ = 0.5V, 3V;
VNO_ _ = 3V, 0.5V
ICOM_(OFF)
COM_ Off-Leakage
Current (Notes 6, 9)
-10
10
TA = TMIN to TMAX
TA = +25°C
ns
10
100
tBBM
Break-Before-Make Time
VNO_ _ = 1.5V, Figure 6
500
200
350
VNO_ _ = 1.5V,
RL = 300Ω, CL = 35pF
tOFF
Turn-Off Time
TA = TMIN to TMAX
TA = +25°C
Ω
35
V+ = 2.7V,
VNO_ _ = 1V,
ICOM_ = 4mA
∆RON
On-Resistance
Match Between Channels
(Note 4)
6
TA = TMIN to TMAX
TA = +25°C
1000
ns
400
800
VNO_ _ = 1.5V,
RL = 5kΩ, CL = 35pF
tON
Turn-On Time
pF
5
fIN = 1MHz
COFF
NO_ _ Off-Capacitance
dB
-60
VA = 0.5VRMS, fIN = 10MHz, RS = 50Ω,
Figure 8
VCT(V)
Channel-to-Channel Crosstalk
dB
-48
VA = 0.5VRMS, fIN = 10MHz, RL = 50Ω,
Figure 8
VISO(V)
Off-Isolation
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
dB
-84
VA = 0.5VRMS, fIN = 20kHz, RS = 600Ω,
Figure 8
VCT(A)
Channel-to-Channel Crosstalk
dB
-83
VA = 0.5VRMS, fIN = 20kHz, RL = 600Ω,
Figure 8
VISO(A)
Off-Isolation (Note 7)
nA
-1
0.002
1
V+ = 3.6V;
VCOM_ = 0.5V, 3V;
VNO_ _ = 0.5V, 3V,
or floating
ICOM_(ON)
COM _ On-Leakage
Current (Notes 6, 9)
CONDITIONS
TA = TMIN to TMAX
-10
10
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
ns
Ω
310
V+ = 2.7V;
VNO_ _ = 1V, 1.5V, 2V;
ICOM_ = 4mA
RFLAT
On-Resistance
Flatness (Note 5)
12
TA = TMIN to TMAX
TA = +25°C
V
0V+
VNO_ _,
VCOM_
Analog Signal Range (Note 3)
Ω
65
110
V+ = 2.7V,
VNO_ _ = 1V,
ICOM_ = 4mA
RON
On-Resistance
130
TA = TMIN to TMAX
TA = +25°C
MHz
200
RS = 50Ω, RL = 50Ω
BW
-3dB Bandwidth
ANALOG SWITCHES
AUDIO PERFORMANCE
VIDEO PERFORMANCE
DYNAMIC TIMING (Notes 8, 11, and Figure 5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com