Electronic Components Datasheet Search
  English  ▼

X  

MAX4584 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4584
Description  Serially Controlled Audio/Video Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4584 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4584 Datasheet HTML 2Page - Maxim Integrated Products MAX4584 Datasheet HTML 3Page - Maxim Integrated Products MAX4584 Datasheet HTML 4Page - Maxim Integrated Products MAX4584 Datasheet HTML 5Page - Maxim Integrated Products MAX4584 Datasheet HTML 6Page - Maxim Integrated Products MAX4584 Datasheet HTML 7Page - Maxim Integrated Products MAX4584 Datasheet HTML 8Page - Maxim Integrated Products MAX4584 Datasheet HTML 9Page - Maxim Integrated Products MAX4584 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Serially Controlled
Audio/Video Switches
6
_______________________________________________________________________________________
3-WIRE TIMING CHARACTERISTICS
(Figures 3 and 4, V+ = +2.75V to +5.25V, fOP = 2.1MHz, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
Note 2:
Algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3:
Guaranteed by design. Not subject to production testing.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5:
Resistance flatness is defined as the difference between the maximum and minimum on-resistance values, as measured
over the specified analog signal range.
Note 6:
Leakage parameters are 100% tested at maximum rated temperature and guaranteed by correlation at TA = +25°C.
Note 7:
Off-isolation = 20 log (VCOM_ / VNO_ _), VCOM_ = output, VNO_ _ = input to off switch.
Note 8:
All timing is measured from the clock’s falling edge preceding the ACK signal for 2-wire and from the rising edge of CS for
3-wire. Turn-off time is defined at the output of the switch for a 0.5V change, tested with a 300
Ω load to ground. Turn-on
time is defined at the output of the switch for a 0.5V change and measured with a 5k
Ω load resistor to GND. All timing is
shown with respect to 20% V+ and 70% V+, unless otherwise noted.
Note 9:
Leakage testing is guaranteed by testing with a +5.25V supply.
Note 10: CB = capacitance of one bus line in pF. Tested with CB = 400pF.
Note 11: Typical values are for MAX4584 devices.
VCOM (V)
30
35
65
45
40
50
55
60
70
012345
ON-RESISTANCE
vs. VCOM AND SUPPLY VOLTAGE
V+ = 2.7V
V+ = 3.0V
V+ = 4.0V
V+ = 5.0V
V+ = 5.5V
VCOM (V)
30
50
40
35
45
55
01
2
34
5
ON-RESISTANCE
vs. VCOM AND TEMPERATURE (V+ = 5V)
TA = -40°C
TA = -55°C
TA = +125°C
TA = +85°C
TA = +25°C
TA = -40°C
TA = -55°C
TA = +85°C
TA = +25°C
TA = +125°C
VCOM (V)
30
65
60
45
40
35
55
50
75
70
0
1.0
1.5
2.0
0.5
2.5
3.0
ON-RESISTANCE
vs. VCOM AND TEMPERATURE (V+ = 3.3V)
Typical Operating Characteristics
(V+ = +5V, TA = +25°C, unless otherwise noted.)
SCLK Pulse Width High
tCH
200
V+ = 4.75V to 5.25V
10
ns
Fall Time (SCLK, DIN, CS)
tF
2
µs
SCLK Pulse Width Low
tCL
200
ns
CS Rise to SCLK Hold
tCSH
0
ns
Rise Time (SCLK, DIN, CS)
tR
DIN to SCLK Setup
tDS
100
ns
Operating Frequency
fOP
V+ = 2.7V to 5.25V
0
2.1
MHz
DIN to SCLK Hold
tDH
0
ns
2
µs
CS Fall to SCLK Rise Setup
tCSS
100
ns
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CS Pulse Width High
tCSW
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com