Electronic Components Datasheet Search
  English  ▼

X  

MAX4584 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4584
Description  Serially Controlled Audio/Video Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4584 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4584 Datasheet HTML 3Page - Maxim Integrated Products MAX4584 Datasheet HTML 4Page - Maxim Integrated Products MAX4584 Datasheet HTML 5Page - Maxim Integrated Products MAX4584 Datasheet HTML 6Page - Maxim Integrated Products MAX4584 Datasheet HTML 7Page - Maxim Integrated Products MAX4584 Datasheet HTML 8Page - Maxim Integrated Products MAX4584 Datasheet HTML 9Page - Maxim Integrated Products MAX4584 Datasheet HTML 10Page - Maxim Integrated Products MAX4584 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Serially Controlled
Audio/Video Switches
_______________________________________________________________________________________
7
4.0
4.2
4.1
4.4
4.3
4.6
4.5
4.7
4.9
4.8
5.0
-55
-15
5
25
-35
45
65
85 105 125
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-4
-2
-3
0
-1
2
1
3
02
1
345
CHARGE INJECTION
vs. VCOM
VCOM (V)
tOFF
tON
0
200
100
400
300
600
500
700
2.5
3.5
4.0
3.0
4.5
5.0
5.5
TURN-ON/TURN-OFF TIMES
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
0
100
50
200
150
300
250
350
-55
-15
5
-35
25
45
65
85 105 125
TURN-ON/TURN-OFF TIMES
vs. TEMPERATURE
TEMPERATURE (°C)
tOFF
tON
-10
-100
0.1
100
10
1
VIDEO FREQUENCY RESPONSE
-70
-90
-30
-50
0
-60
-80
-20
-40
FREQUENCY (MHz)
INSERTION LOSS
OFF-ISOLATION
CROSSTALK
50
Ω IN AND OUT
ICOM (OFF) AT
VCOM = 4.5V
VNO = 1.0V
INO (OFF) AT
VNO = 4.5V
VCOM = 1.0V
INO (OFF) AT
VNO = 1.0V
VCOM = 4.5V
10
0.001
-55
5
-15
25
-35
65
125
OFF-LEAKAGE CURRENT
vs. TEMPERATURE
0.01
0.1
1
TEMPERATURE (
°C)
45
85 105
ICOM (OFF) AT
VCOM = 1.0V
VNO = 4.5V
ICOM (ON) AT
VCOM = 1.0V
VNO = FLOAT
10
0.001
-55
5
-15
25
-35
65
125
ON-LEAKAGE CURRENT
vs. TEMPERATURE
0.01
0.1
1
TEMPERATURE (
°C)
45
85 105
ICOM (ON) AT
VCOM = 4.5V
VNO = FLOAT
OFF-ISOLATION
CROSSTALK
600
Ω IN AND OUT
0
-100
0.01
1
10
0.1
100
AUDIO FREQUENCY RESPONSE
FREQUENCY (MHz)
-90
-80
-70
-60
-50
-40
-30
-20
-10
CLK
5V/div
tON
2V/div
tOFF
2V/div
TURN-ON/TURN-OFF TIMES
TIME (100ns/div)
Typical Operating Characteristics (continued)
(V+ = +5V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com