Electronic Components Datasheet Search
  English  ▼

X  

MAX4598 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4598
Description  Low-Voltage, Combination Single-Ended 8-to-1/Differential 4-to-1 Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4598 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4598 Datasheet HTML 4Page - Maxim Integrated Products MAX4598 Datasheet HTML 5Page - Maxim Integrated Products MAX4598 Datasheet HTML 6Page - Maxim Integrated Products MAX4598 Datasheet HTML 7Page - Maxim Integrated Products MAX4598 Datasheet HTML 8Page - Maxim Integrated Products MAX4598 Datasheet HTML 9Page - Maxim Integrated Products MAX4598 Datasheet HTML 10Page - Maxim Integrated Products MAX4598 Datasheet HTML 11Page - Maxim Integrated Products MAX4598 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Caution: The absolute maximum V+ to V- differential
voltage is 13V. Typical “±6 Volt” or “12 Volt” sup-
plies with ±10% tolerances can be as high as 13.2V
from V+ to V-. This voltage can damage the
MAX4598. Even ±5% tolerance supplies may have
overshoot or noise spikes that exceed 13V.
Single-Supply Operation
The MAX4598 operates from a single supply between
+2.7V and +12V when V- is connected to GND. All of
the bipolar precautions must be observed. However,
these parts are optimized for ±5V operation, and most
AC and DC characteristics are degraded significantly
when departing from ±5V. As the overall supply voltage
(V+ to V-) is lowered, switching speed, on-resistance,
off-isolation, and distortion are degraded (see
Typical
Operating Characteristics).
Single-supply operation also limits signal levels and
interferes with grounded signals. When V- = 0, AC sig-
nals are limited to -0.3V. Voltages below -0.3V can be
clipped by the internal ESD-protection diodes, and the
parts can be damaged if excessive current flows.
Power Off
When power to the MAX4598 is off (i.e., V+ = V- = 0),
the Absolute Maximum Ratings still apply: neither logic-
level inputs on NO_ nor signals on COM_ can exceed
±0.3V. Voltages beyond ±0.3V cause the internal ESD-
protection diodes to conduct, and the parts can be
damaged if excessive current flows.
Low-Voltage, Combination Single-Ended
8-to-1/Differential 4-to-1 Multiplexer
_______________________________________________________________________________________
9
Test Circuits/Timing Diagrams
50%
50%
tR < 20ns
tF < 20ns
VOUT
V+
0V
VNO1
0V
VNO8
LOGIC
INPUT
VEN
SWITCH
OUTPUT
V+
A1
A2
A0
+5V
VOUT
-5V
GND
V+
V-
EN
NLATCH
NO1
NO2–NO7
NO8
COMA
+3V
50
Ω
MAX4598
300
Ω
35pF
90%
90%
tTRANS
tTRANS
-3V
LATCH
A3
Figure 1. Transition Time
50%
50%
tOPEN
tR < 20ns
tF < 20ns
VOUT
V+
0V
LOGIC
INPUT
VA
SWITCH
OUTPUT
VCOM
+5V
VOUT
-5V
GND
V+
NLATCH
V-
A0
A1
A2
EN
NO1–NO8
COMA
+3V
50
Ω
MAX4598
300
Ω
35pF
90%
0V
VA
LATCH
A3
Figure 2. Break-Before-Make Interval



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com