Electronic Components Datasheet Search
  English  ▼

X  

MAX4598 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4598
Description  Low-Voltage, Combination Single-Ended 8-to-1/Differential 4-to-1 Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4598 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4598 Datasheet HTML 3Page - Maxim Integrated Products MAX4598 Datasheet HTML 4Page - Maxim Integrated Products MAX4598 Datasheet HTML 5Page - Maxim Integrated Products MAX4598 Datasheet HTML 6Page - Maxim Integrated Products MAX4598 Datasheet HTML 7Page - Maxim Integrated Products MAX4598 Datasheet HTML 8Page - Maxim Integrated Products MAX4598 Datasheet HTML 9Page - Maxim Integrated Products MAX4598 Datasheet HTML 10Page - Maxim Integrated Products MAX4598 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
_______________Detailed Description
The MAX4598 can be configured as a single 8-channel
or dual 4-channel multiplexer. In the single 8-to-1 multi-
plexer configuration, COMA connects to one of the
eight inputs (NO1 to NO8), GND, or V+ by the address
inputs A0 to A2 (see
Truth Table). In the dual 4-to-1
multiplexer configuration, COMA connects to one of the
four inputs (NO1, NO3, NO5, NO7), GND, or V+, and
COMB connects to one of the four inputs (NO2, NO4,
NO6, NO8) or GND by the address inputs A0 to A2
(see
Truth Table).
The MAX4598 functions as a standard multiplexer
when NLATCH is high. When NLATCH is low, the con-
dition set by A0 to A3 is activated at the rising edge of
LATCH. Otherwise, the outputs remain at the previously
set condition.
__________Applications Information
The MAX4598 construction is typical of most CMOS
analog switches. It has three supply pins: V+, V-, and
GND. The positive and negative power supplies are
used to drive the internal CMOS switches and set the
limits of the analog voltage on any switch. Reverse
ESD-protection diodes are internally connected be-
tween each analog signal pin and V+ and V-. If the volt-
age on any pin exceeds V+ or V- by 0.3V, one of the
ESD diodes starts to conduct. During normal operation
these reverse-biased ESD diodes leak, forming the only
current drawn from V-.
Low-Voltage, Combination Single-Ended
8-to-1/Differential 4-to-1 Multiplexer
_______________________________________________________________________________________
7
-2
2
1
0
-1
4
3
5
6
-5
-1
-2
-4
-3
0
1
2
3
4
5
CHARGE INJECTION vs. VCOM
VCOM (V)
V+ = +5V
V- = -5V
V+ = +5V
V- = 0
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
Pin Description
Positive Supply Voltage
V+
9
Multiplexer Output A
COMA
10
Data-Strobe Mode Select
NLATCH
11
Latch Input
LATCH
12
Multiplexer Enable
EN
13
Channel Input 2
NO2
5
Channel Input 3
NO3
6
Channel Input 1
NO1
7
Negative Supply Voltage
V-
8
Channel Input 4
NO4
4
Address Bit 0
A0
3
PIN
Address Bit 1
A1
2
Multiplexer Output B
COMB
1
FUNCTION
NAME
Channel Input 6
NO6
16
Channel Input 8
NO8
17
Address Bit 3
A3
18
Address Bit 2
A2
19
Ground
GND
20
Channel Input 5
NO5
14
Channel Input 7
NO7
15
0
-90
0.1
10
100
1
1000
FREQUENCY RESPONSE
-70
-80
MAX4598-09
FREQUENCY (MHz)
-50
-60
-40
-30
-10
-20
180
-180
-100
-140
-20
-60
20
60
140
100
OFF-ISOLATION
INSERTION LOSS
ON-PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com