Electronic Components Datasheet Search
  English  ▼

X  

MAX4598 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4598
Description  Low-Voltage, Combination Single-Ended 8-to-1/Differential 4-to-1 Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4598 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4598 Datasheet HTML 1Page - Maxim Integrated Products MAX4598 Datasheet HTML 2Page - Maxim Integrated Products MAX4598 Datasheet HTML 3Page - Maxim Integrated Products MAX4598 Datasheet HTML 4Page - Maxim Integrated Products MAX4598 Datasheet HTML 5Page - Maxim Integrated Products MAX4598 Datasheet HTML 6Page - Maxim Integrated Products MAX4598 Datasheet HTML 7Page - Maxim Integrated Products MAX4598 Datasheet HTML 8Page - Maxim Integrated Products MAX4598 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Low-Voltage, Combination Single-Ended
8-to-1/Differential 4-to-1 Multiplexer
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +5V ±10%, V- = -5V ±10%, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
Break-Before-Make Interval
(Note 3)
tOPEN
4
10
ns
150
Transition Time
tTRANS
65
100
ns
Enable Turn-On Time
tON
55
90
ns
120
Enable Turn-Off Time
tOFF
40
70
ns
100
GND Supply Current
-5
5
IGND
-1
0.001
1
µA
-5
5
Charge Injection (Note 3)
VCTE
2
5
pC
Off-Isolation (Note 7)
VISO
-90
dB
Logic Input Capacitance
CIN
3
pF
COM Off-Capacitance
CCOM(OFF)
15
pF
COM On-Capacitance
CCOM(ON)
26
pF
Setup Time
tS
30
70
ns
80
Hold Time
tH
-10
0
ns
-10
CL = 1nF, VNO_ = 0,
Figure 4
Figure 2
VEN = 0, f = 1MHz,
Figure 5
Figure 1
Figure 3
f = 1MHz
Figure 3
f = 1MHz,
VEN = VCOM_ = 0,
Figure 6
f = 1MHz, VEN = 2.4V,
VCOM_ = 0
VEN = VA_ = VLATCH
= VNLATCH = 0 or V+,
V+ = 5.5V, V- = -5.5V
Figure 7
VEN = VA_ = VLATCH
= VNLATCH = 0 or V+,
V+ = 5.5V, V- = -5.5V
Figure 7
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Power-Supply Range
±2.7
±6
V
Positive Supply Current
I+
-1
0.001
1
µA
-5
5
Negative Supply Current
I-
-1
0.001
1
µA
CONDITIONS
TA = +25°C
NO Off-Capacitance
COFF
3
pF
f = 1MHz,
VEN = VCOM_ = 0,
Figure 6
VEN = VA_ = VLATCH
= VNLATCH = 0 or V+,
V+ = 5.5V, V- = -5.5V
Crosstalk Between Channels
(Note 8)
TA = +25°C
VCT
-80
dB
VEN = 2.4V, f = 1MHz,
VGEN = 1Vp-p,
Figure 5
SUPPLY
DYNAMIC
LATCH TIMING (Note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com