Electronic Components Datasheet Search
  English  ▼

X  

MAX4598 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4598
Description  Low-Voltage, Combination Single-Ended 8-to-1/Differential 4-to-1 Multiplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4598 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4598 Datasheet HTML 1Page - Maxim Integrated Products MAX4598 Datasheet HTML 2Page - Maxim Integrated Products MAX4598 Datasheet HTML 3Page - Maxim Integrated Products MAX4598 Datasheet HTML 4Page - Maxim Integrated Products MAX4598 Datasheet HTML 5Page - Maxim Integrated Products MAX4598 Datasheet HTML 6Page - Maxim Integrated Products MAX4598 Datasheet HTML 7Page - Maxim Integrated Products MAX4598 Datasheet HTML 8Page - Maxim Integrated Products MAX4598 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Low-Voltage, Combination Single-Ended
8-to-1/Differential 4-to-1 Multiplexer
_______________________________________________________________________________________
5
ICOM_ = 0.2mA,
VNO_ = 1.5V,
V+ = 2.7V
(Note 3)
VNO1 = 1.5V,
Figure 3
VNO1 = 1.5V,
Figure 3
Figure 7
VNO1 = 1.5V,
VNO8 = 0, Figure 1
Figure 7
CONDITIONS
ns
-10
0
tH
Hold Time
ns
45
80
tS
Setup Time
Ω
220
500
RON
On-Resistance
V
0
V+
Analog Signal Range
ns
120
180
tOFF
Enable Turn-Off Time
ns
160
250
tON
Enable Turn-On Time
ns
200
310
tTRANS
Transition Time
600
V
2.4
1.1
IIH
Input High Voltage
V
1.0
0.6
IIL
Input Low Voltage
UNIT
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
CONDITIONS
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +5V ±10%, V- = 0, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 2)
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +2.7V to +3.6V, V- = 0, VIH = 2.4V, VIL = 0.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
CONDITIONS
UNIT
MIN
TYP
MAX
SYMBOL
PARAMETER
Figure 7
Figure 7
CL = 1nF, VNO_ = 0,
Figure 4
-10
ns
-10
0
tH
Hold Time
80
ns
30
70
tS
Setup Time
pC
1
5
VCTE
Charge Injection
CONDITIONS
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4:
∆RON = RON(MAX) - RON(MIN).
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 6: Leakage parameters are 100% tested at maximum-rated hot temperature and guaranteed by correlation at +25°C.
Note 7: Off-Isolation = 20log10(VCOM / VNO), VCOM = output, VNO = input to off switch.
Note 8: Between any two switches.
Note 9: Leakage testing at single supply is guaranteed by testing with dual supplies.
LATCH TIMING (Note 3)
CONDITIONS
LOGIC INPUTS (Note 3)
SWITCH
DYNAMIC (Note 3)
LATCH TIMING (Note 3)
LOGIC INPUTS (Note 3)
CONDITIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com