Electronic Components Datasheet Search
  English  ▼

X  

TIL113 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # TIL113
Description  6-PIN PHOTODARLINGTON OPTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TIL113 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button TIL113 Datasheet HTML 4Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 5Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 6Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 7Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 8Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 9Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 10Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 11Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
H11B1 H11B2 H11B3 TIL113
6-PIN PHOTODARLINGTON
OPTOCOUPLER
Product: H11B1 H11B2 H11B3 TIL113series
Date: February 1, 2011
Page 10 of 12
Version# 1.1
Ordering Information:
Part Number
Orderable Part Number
Options Description
Quantity per
packing
H11B1
H11B1
None
Standard 6pin DIP
60pcs / Tube
H11B1V
None
With VDE marking
60pcs / Tube
H11B1W
W
Wide lead bend (0.4 inch
spacing)
60pcs / Tube
H11B1WV
W
Wide lead bend (0.4 inch
spacing) + VDE marking
60pcs / Tube
H11B1STA
S
SMD lead form with tape
and reel option
1000pcs / reel
H11B1STAV
S
SMD lead form with tape
and reel option + VDE
marking
1000pcs / reel
H11B2
H11B2
None
Standard 6pin DIP
60pcs / Tube
H11B2V
None
With VDE marking
60pcs / Tube
H11B2W
W
Wide lead bend (0.4 inch
spacing)
60pcs / Tube
H11B2WV
W
Wide lead bend (0.4 inch
spacing) + VDE marking
60pcs / Tube
H11B2STA
S
SMD lead form with tape
and reel option
1000pcs / reel
H11B2STAV
S
SMD lead form with tape
and reel option + VDE
marking
1000pcs / reel
H11B3
H11B3
None
Standard 6pin DIP
60pcs / Tube
H11B3V
None
With VDE marking
60pcs / Tube
H11B3W
W
Wide lead bend (0.4 inch
spacing)
60pcs / Tube
H11B3WV
W
Wide lead bend (0.4 inch
spacing) + VDE marking
60pcs / Tube
H11B3STA
S
SMD lead form with tape
and reel option
1000pcs / reel
H11B3STAV
S
SMD lead form with tape
and reel option + VDE
marking
1000pcs / reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com