Electronic Components Datasheet Search
  English  ▼

X  

TIL113 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TIL113
Description  6-PIN PHOTODARLINGTON OPTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TIL113 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TIL113 Datasheet HTML 1Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 2Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 3Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 4Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 5Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 6Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 7Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 8Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
H11B1 H11B2 H11B3 TIL113
6-PIN PHOTODARLINGTON
OPTOCOUPLER
Product: H11B1 H11B2 H11B3 TIL113series
Date: February 1, 2011
Page 1 of 12
Version# 1.1
Feature:
 High Isolation voltage (Viso = 5000V rms)
 Creepage distance > 7.62mm
 Operating Temperature up to 100 ºC
 Meets all JEDEC specifications
 Available in Tube or Tape and reel
 Available with standard DIP, Wide lead bend,
and SMD lead bend options.
 Conventional black housing package
Certification & Compliance:
 Pb free and RoHS Compliant
 UL recognized (File # E338132)
 VDE recognized (File #40030457)
Dimension: (Dot location indicates pin 1)
6-Pin Dip (standard):


Similar Part No. - TIL113

ManufacturerPart #DatasheetDescription
logo
QT Optoelectronics
TIL113 QT-TIL113 Datasheet
140Kb / 7P
PHOTODARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
TIL113 FAIRCHILD-TIL113 Datasheet
158Kb / 8P
PHOTODARLINGTON OPTOCOUPLERS
logo
Texas Instruments
TIL113 TI-TIL113 Datasheet
226Kb / 6P
Gallium Arsenide Diode Infrared Source Optically Coupled to a Silicon NPN Darlinrton-Connected Phototransistor
logo
ISOCOM COMPONENTS
TIL113 ISOCOM-TIL113 Datasheet
393Kb / 3P
OPTICALLY COUPLED ISOLATOR PHOTODARLINGTON OUTPUT
logo
Everlight Electronics C...
TIL113 EVERLIGHT-TIL113 Datasheet
331Kb / 13P
6 PIN PHOTODARLINGTON
More results

Similar Description - TIL113

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
4N30 FAIRCHILD-4N30_07 Datasheet
222Kb / 13P
General Purpose 6-Pin Photodarlington Optocoupler
4N29M FAIRCHILD-4N29M Datasheet
233Kb / 10P
General Purpose 6-Pin Photodarlington Optocoupler
4N29SR2M FAIRCHILD-4N29SR2M Datasheet
281Kb / 10P
General Purpose 6-Pin Photodarlington Optocoupler
4N33SR2M FAIRCHILD-4N33SR2M Datasheet
281Kb / 10P
General Purpose 6-Pin Photodarlington Optocoupler
4N29SM FAIRCHILD-4N29SM Datasheet
281Kb / 10P
General Purpose 6-Pin Photodarlington Optocoupler
4N30SM FAIRCHILD-4N30SM Datasheet
281Kb / 10P
General Purpose 6-Pin Photodarlington Optocoupler
H11B1VM FAIRCHILD-H11B1VM Datasheet
281Kb / 10P
General Purpose 6-Pin Photodarlington Optocoupler
H11B1SR2M FAIRCHILD-H11B1SR2M Datasheet
281Kb / 10P
General Purpose 6-Pin Photodarlington Optocoupler
logo
CT Micro International ...
4N29 CTMICRO-4N29 Datasheet
1Mb / 13P
DC Input 6-Pin Photodarlington Optocoupler
logo
ON Semiconductor
4N29M ONSEMI-4N29M Datasheet
191Kb / 14P
6-Pin DIP General Purpose Photodarlington Optocoupler
Rev. 1.0.4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com