Electronic Components Datasheet Search
  English  ▼

X  

TIL113 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TIL113
Description  6-PIN PHOTODARLINGTON OPTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TIL113 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TIL113 Datasheet HTML 1Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 2Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 3Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 4Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 5Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 6Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 7Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 8Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
H11B1 H11B2 H11B3 TIL113
6-PIN PHOTODARLINGTON
OPTOCOUPLER
Product: H11B1 H11B2 H11B3 TIL113series
Date: February 1, 2011
Page 4 of 12
Version# 1.1
Electrical Characteristic (T=25 oC)
Emitter
Symbol
Characteristics
Device
Test Condition
Range
Unit
Min
Typ
Max
VF
Forward Voltage
H11B1
H11B2
H11B3
TIL113
IF = 10mA
-
1.2
1.5
V
IR
Reverse Current
VR = 6V
-
-
10
uA
Ct
Input Capacitance
V = 0,
f = 1MHz
-
50
-
pF
Detector
Symbol
Characteristic
Device
Test
Condition
Range
Unit
Min
Typ
Max
ICEO
Collector-Emitter
dark current
H11B1
H11B2
H11B3
TIL113
VCE = 10V
-
-
100
nA
BVCEO
Collector-Emitter
breakdown voltage
Ic = 1mA
55
-
-
V
BVCBO
Collector-Base
breakdown voltage
Ic = 0.1mA
55
-
-
V
BVECO
Emitter-Collector
breakdown voltage
IE = 0.1mA
7
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com