Electronic Components Datasheet Search
  English  ▼

X  

TIL113 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TIL113
Description  6-PIN PHOTODARLINGTON OPTOCOUPLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TIL113 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TIL113 Datasheet HTML 1Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 2Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 3Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 4Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 5Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 6Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 7Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 8Page - List of Unclassifed Manufacturers TIL113 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
H11B1 H11B2 H11B3 TIL113
6-PIN PHOTODARLINGTON
OPTOCOUPLER
Product: H11B1 H11B2 H11B3 TIL113series
Date: February 1, 2011
Page 5 of 12
Version# 1.1
DC Transfer Characteristic
Symbol
Characteristic
Device
Test Condition
Range
Unit
Min
Typ
Max
CTR
Current Transfer
Ratio
H11B1
IF = 1mA,
VCE = 5V
500
-
-
%
H11B2
200
H11B3
100
-
-
TIL113
IF = 10mA,
VCE = 1V
300
-
-
VCE(Sat)
Collector-Emitter
saturation voltage
H11B1
H11B2
H11B3
IF = 8mA,
Ic =1mA
-
-
1.0
V
TIL113
IF = 8mA,
Ic =2mA
-
-
1.2
Isolation Characteristic
VISO
Isolation Voltage
-
-
5000
-
-
Vrms
RISO
Isolation Resistance
-
VIO = 500Vdc
-
10
11
-
Ω
CISO
Isolation Capacitance
-
VIO = 0,
f =1MHz
-
0.8
-
pF
AC Characteristic
Ton
Turn on time
H11B1
H11B2
H11B3
Vcc = 10V,
IF = 10mA,
RL
= 100Ω
-
25
-
us
TIL113
Vcc = 10V,
Ic = 50mA,
IF = 200mA
-
-
5
Toff
Turn off time
H11B1
H11B2
H11B3
Vcc = 10V,
Ic = 10mA,
RL
= 100Ω
-
18
-
us
TIL113
Vcc = 10V,
Ic = 10mA,
IF = 200mA
-
-
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com