Electronic Components Datasheet Search
  English  ▼

X  

TLV704 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLV704
Description  TLV702 300-mA, Low-IQ, Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV704 Datasheet(HTML) 5 Page - Texas Instruments

  TLV704 Datasheet HTML 1Page - Texas Instruments TLV704 Datasheet HTML 2Page - Texas Instruments TLV704 Datasheet HTML 3Page - Texas Instruments TLV704 Datasheet HTML 4Page - Texas Instruments TLV704 Datasheet HTML 5Page - Texas Instruments TLV704 Datasheet HTML 6Page - Texas Instruments TLV704 Datasheet HTML 7Page - Texas Instruments TLV704 Datasheet HTML 8Page - Texas Instruments TLV704 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
TLV704
www.ti.com
SBVS148D – OCTOBER 2010 – REVISED JANUARY 2015
6 Specifications
6.1 Absolute Maximum Ratings
Over operating junction temperature range, unless otherwise noted
(1).
MIN
MAX
UNIT
Voltage(2)
IN
–0.3
24
V
Current source
OUT
Internally limited
Operating junction, TJ
–40
150
°C
Temperature
Storage range, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods my affect device reliability.
(2)
All voltages are with respect to network ground terminal.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per JEDEC specification JESD22-C101,
±500
all pins(2)
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating junction temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Input voltage
2.5
24
V
IOUT
Output current
0
150
mA
TJ
Operating junction temperature
–40
125
°C
6.4 Thermal Information
TLV704
THERMAL METRIC(1)
DBV
UNIT
5 PINS
RθJA
Junction-to-ambient thermal resistance
213.1
RθJC(top)
Junction-to-case (top) thermal resistance
110.9
RθJB
Junction-to-board thermal resistance
97.4
°C/W
ψJT
Junction-to-top characterization parameter
22.0
ψJB
Junction-to-board characterization parameter
78.4
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLV704



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com