Electronic Components Datasheet Search
  English  ▼

X  

TLV704 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV704
Description  TLV702 300-mA, Low-IQ, Low-Dropout Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV704 Datasheet(HTML) 1 Page - Texas Instruments

  TLV704 Datasheet HTML 1Page - Texas Instruments TLV704 Datasheet HTML 2Page - Texas Instruments TLV704 Datasheet HTML 3Page - Texas Instruments TLV704 Datasheet HTML 4Page - Texas Instruments TLV704 Datasheet HTML 5Page - Texas Instruments TLV704 Datasheet HTML 6Page - Texas Instruments TLV704 Datasheet HTML 7Page - Texas Instruments TLV704 Datasheet HTML 8Page - Texas Instruments TLV704 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TLV70433
OUT
IN
GND
MSP430
1
F
m
0.1
F
m
V
IN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TLV704
SBVS148D – OCTOBER 2010 – REVISED JANUARY 2015
TLV704 24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
1 Features
3 Description
The TLV704 series of low-dropout (LDO) regulators
1
•
Wide Input Voltage Range: 2.5 V to 24 V
are ultralow quiescent current devices designed for
•
Low 3.2-
μA Quiescent Current
extremely power-sensitive applications. Quiescent
•
Ground Pin Current: 3.4
μA at 100-mA IOUT
current is virtually constant over the complete load
current
and
ambient
temperature
range.
These
•
Stable With a Low-ESR, 1-µF Typical Output
devices are an ideal power-management attachment
Capacitor
to low-power microcontrollers, such as the MSP430.
•
Operating Junction Temperature:
The TLV704 operates over a wide operating input
–40°C to 125°C
voltage of 2.5 V to 24 V. Thus, the device is an
•
Available in SOT23-5 Package
excellent choice for both battery-powered systems as
–
See Package Option Addendum at end of this
well as industrial applications that undergo large line
document for complete list of available voltage
transients.
options
The TLV704 is available in a 3-mm × 3-mm SOT23-5
package, which is ideal for cost-effective board
2 Applications
manufacturing.
•
Ultralow Power Microcontrollers
Device Information(1)
•
E-Meters
PART NUMBER
PACKAGE
BODY SIZE (nom)
•
Fire Alarms and Smoke Detector Systems
TLV704
SOT-23 (5)
2.90 mm x 1.60 mm
•
Handset Peripherals
(1) For all available packages, see the orderable addendum at
•
Industrial and Automotive Applications
the end of the data sheet.
•
Remote Controllers
•
Zigbee® Networks
•
Portable, Battery-Powered Equipment
Typical Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLV704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV704 TI1-TLV704 Datasheet
896Kb / 22P
Ultralow Power Microcontrollers
TLV704 TI-TLV704 Datasheet
1Mb / 23P
TLV704 24-V Input Voltage, 150-mA, Ultralow IQ Low-Dropout Regulators
REVISED JANUARY 2015
TLV704 TI-TLV704 Datasheet
4Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
TLV704 TI-TLV704 Datasheet
3Mb / 29P
TLV704 24-V, 150-mA, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED DECEMBER 2022
More results

Similar Description - TLV704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV702XX TI1-TLV702XX Datasheet
855Kb / 27P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70012-Q1 TI1-TLV70012-Q1 Datasheet
642Kb / 19P
300-mA, Low-IQ, Low-Dropout Regulator
TLV70228-Q1 TI1-TLV70228-Q1 Datasheet
892Kb / 18P
300-mA, Low-IQ, Low-Dropout Regulator
TLV702 TI-TLV702 Datasheet
1Mb / 31P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV702P TI-TLV702P Datasheet
1Mb / 31P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI-TLV702-Q1_15 Datasheet
953Kb / 25P
TLV702-Q1 300-mA, Low-IQ, Low-Dropout Regulator
TLV70018-Q1 TI-TLV70018-Q1_15 Datasheet
858Kb / 20P
300-mA, Low-IQ, Low-Dropout Regulator
TLV702_016 TI1-TLV702_016 Datasheet
1Mb / 32P
TLV702 300-mA, Low-IQ, Low-Dropout Regulator
TLV703 TI1-TLV703_17 Datasheet
862Kb / 22P
300-mA, Low-IQ, Low-Dropout Regulator
TLV702-Q1 TI1-TLV702-Q1 Datasheet
1,014Kb / 25P
300-mA, Low-IQ, Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com