Electronic Components Datasheet Search
  English  ▼

X  

MAX472ESA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX472ESA
Description  Precision, High-Side Current-Sense Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX472ESA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX472ESA Datasheet HTML 4Page - Maxim Integrated Products MAX472ESA Datasheet HTML 5Page - Maxim Integrated Products MAX472ESA Datasheet HTML 6Page - Maxim Integrated Products MAX472ESA Datasheet HTML 7Page - Maxim Integrated Products MAX472ESA Datasheet HTML 8Page - Maxim Integrated Products MAX472ESA Datasheet HTML 9Page - Maxim Integrated Products MAX472ESA Datasheet HTML 10Page - Maxim Integrated Products MAX472ESA Datasheet HTML 11Page - Maxim Integrated Products MAX472ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
for current summing. A single scaling resistor is
required when summing OUT currents from multiple
devices (Figure 3). Current can be integrated by con-
necting OUT to a capacitive load.
SIGN Output
The current at OUT indicates magnitude. The SIGN out-
put indicates the current’s direction. Operation of the
SIGN comparator is straightforward. When Q1 (Figures
1 and 2) conducts, the output of A1 is high while A2’s
output is zero. Under this condition, a high SIGN output
indicates positive current flow (from RS+ to RS-). In bat-
tery-operated systems, this is useful for determining
whether the battery is charging or discharging. The
SIGN output may not correctly indicate if the load cur-
rent is such that IOUT is less than 3.5µA. The MAX471’s
SIGN output accurately indicates the direction of cur-
rent flow for load currents greater than 7mA.
SIGN is an open-collector output (sinks current only),
allowing easy interface with logic circuits powered from
any voltage. Connect a 100k
Ω pull-up resistor from
SIGN to the logic supply. The convention chosen for
the polarity of the SIGN output ensures that it draws no
current when the battery is being discharged. If current
direction is not needed, float the SIGN pin.
Shutdown
When SHDN is high, the MAX471/MAX472 are shut
down and consume less than 18µA. In shutdown mode,
SIGN is high impedance and OUT turns off.
__________Applications Information
MAX471
The MAX471 obtains its power from the RS- pin. This
includes MAX471 current consumption in the total sys-
tem current measured by the MAX471. The small drop
across RSENSE does not affect the MAX471’s perfor-
mance.
Resistor Selection
Since OUT delivers a current, an external voltage gain-
setting resistor (ROUT to ground) is required at the OUT
pin in order to get a voltage. RSENSE is internal to the
MAX471. RG1 and RG2 are factory trimmed for an out-
put current ratio (output current to load current) of
500µA/A. Since they are manufactured of the same
material and in very close proximity on the chip, they
provide a high degree of temperature stability. Choose
ROUT for the desired full-scale output voltage up to RS-
- 1.5V (see the
Current Output section).
Precision, High-Side
Current-Sense Amplifiers
8
_______________________________________________________________________________________
MAX471
RS+
RS+
RS-
RS-
SIGN
OUT
GND
TO LOAD/
CHARGER
3V
TO
36V
MAX471
RS+
RS+
RS-
RS-
SIGN
OUT
GND
1k
100k
LOGIC
SUPPLY
VOUT
3V
TO
36V
RSENSE
1
2
3
4
8
7
6
5
MAX472
RG2
100k
RG1
POWER
SOURCE
OR
BATTERY
TO LOAD/CHARGER
RG1
N.C.
SHDN
SIGN
OUT
VCC
GND
RG2
ROUT
LOGIC
SUPPLY
Figure 3. Paralleling MAX471s to Sense Higher Load Current
Figure 4. MAX472 Standard Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com