Electronic Components Datasheet Search
  English  ▼

X  

MAX472ESA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX472ESA
Description  Precision, High-Side Current-Sense Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX472ESA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX472ESA Datasheet HTML 4Page - Maxim Integrated Products MAX472ESA Datasheet HTML 5Page - Maxim Integrated Products MAX472ESA Datasheet HTML 6Page - Maxim Integrated Products MAX472ESA Datasheet HTML 7Page - Maxim Integrated Products MAX472ESA Datasheet HTML 8Page - Maxim Integrated Products MAX472ESA Datasheet HTML 9Page - Maxim Integrated Products MAX472ESA Datasheet HTML 10Page - Maxim Integrated Products MAX472ESA Datasheet HTML 11Page - Maxim Integrated Products MAX472ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
require, given the full-scale IOUT determined by
RSENSE, RG1, and RG2. The high compliance of OUT
permits using ROUT values up to 10k
Ω with minimal
error. Values above 10k
Ω are not usually recommend-
ed. The impedance of OUT’s load (e.g., the input of an
op amp or ADC) must be much greater than ROUT
(e.g., 100 x ROUT) to avoid degrading the measure-
ment accuracy.
High-Current Measurement
The MAX472 can achieve higher current measurements
than the MAX471 can. Low-value sense resistors may
be paralleled to obtain even lower values, or the PC
board trace may be adjusted for any value.
An alternative method is to connect several MAX471s in
parallel and connect the high-impedance current-
source OUT pins together to indicate the total system
current (Figure 3). Pay attention to layout to ensure
equal IR drops in the paralleled connection. This is
necessary to achieve equal current sharing.
Power-Supply Bypassing and Grounding
The MAX471 has been designed as a “high side” (posi-
tive terminal) current monitor to ease the task of
grounding any battery charger, thermistor, etc. that
may be a part of the battery pack. Grounding the
MAX471 requires no special precautions; follow the
same cautionary steps that apply to the system as a
whole. High-current systems can experience large volt-
age drops across a ground plane, and this drop may
add to or subtract from VOUT. For highest current-mea-
surement accuracy, use a single-point “star” ground.
The MAX471/MAX472 require no special bypassing,
and respond quickly to transient changes in line cur-
rent. If the noise at OUT caused by these transients is a
problem, you may want to place a 1µF capacitor at the
OUT pin to ground. You can also place a large capaci-
tor at the RS- terminal (or “load” side of the MAX472) to
decouple the load and, thereby, reduce the current
transients. These capacitors are not required for
MAX471/MAX472 operation or stability, and their use
will not degrade performance.
For the MAX472, the RG1 and RG2 inputs can be fil-
tered by placing a capacitor (e.g., 1µF) between them
to average the sensed current.
MAX471 Layout
The MAX471 must be soldered in place, since sockets
can cause uneven current sharing between the RS+
pins (pins 2 and 3) and the RS- pins (pins 6 and 7),
resulting in typical errors of 0.5%.
In order to dissipate sense-resistor heat from large
sense currents, solder the RS+ pins and the RS- pins to
large copper traces. Keep the part away from other
heat-generating devices. This procedure will ensure
continuous power dissipation rating.
Precision, High-Side
Current-Sense Amplifiers
______________________________________________________________________________________
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com