Electronic Components Datasheet Search
  English  ▼

X  

MAX472ESA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX472ESA
Description  Precision, High-Side Current-Sense Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX472ESA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX472ESA Datasheet HTML 1Page - Maxim Integrated Products MAX472ESA Datasheet HTML 2Page - Maxim Integrated Products MAX472ESA Datasheet HTML 3Page - Maxim Integrated Products MAX472ESA Datasheet HTML 4Page - Maxim Integrated Products MAX472ESA Datasheet HTML 5Page - Maxim Integrated Products MAX472ESA Datasheet HTML 6Page - Maxim Integrated Products MAX472ESA Datasheet HTML 7Page - Maxim Integrated Products MAX472ESA Datasheet HTML 8Page - Maxim Integrated Products MAX472ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
_______________General Description
The MAX471/MAX472 are complete, bidirectional, high-
side current-sense amplifiers for portable PCs, tele-
phones, and other systems where battery/DC
power-line monitoring is critical. High-side power-line
monitoring is especially useful in battery-powered sys-
tems, since it does not interfere with the ground paths
of the battery chargers or monitors often found in
“smart” batteries.
The MAX471 has an internal 35m
Ω current-sense resis-
tor and measures battery currents up to ±3A. For appli-
cations requiring higher current or increased flexibility,
the MAX472 functions with external sense and gain-set-
ting resistors. Both devices have a current output that
can be converted to a ground-referred voltage with a
single resistor, allowing a wide range of battery volt-
ages and currents.
An open-collector SIGN output indicates current-flow
direction, so the user can monitor whether a battery is
being charged or discharged. Both devices operate
from 3V to 36V, draw less than 100µA over tempera-
ture, and include a 18µA max shutdown mode.
________________________Applications
Portable PCs:
Notebooks/Subnotebooks/Palmtops
Smart Battery Packs
Cellular Phones
Portable Phones
Portable Test/Measurement Systems
Battery-Operated Systems
Energy Management Systems
____________________________Features
o Complete High-Side Current Sensing
o Precision Internal Sense Resistor (MAX471)
o 2% Accuracy Over Temperature
o Monitors Both Charge and Discharge
o 3A Sense Capability with Internal Sense Resistor
(MAX471)
o Higher Current-Sense Capability with External
Sense Resistor (MAX472)
o 100µA Max Supply Current
o 18µA Max Shutdown Mode
o 3V to 36V Supply Operation
o 8-Pin DIP/SO Packages
______________Ordering Information
Precision, High-Side
Current-Sense Amplifiers
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
OUT
RS-
RS-
SIGN
GND
RS+
RS+
SHDN
MAX471
DIP/SO
TOP VIEW
_________________Pin Configurations
MAX471
RS+
RS+
RS-
RS-
SIGN
OUT
GND
SHDN
3V
TO
36V
100k
ILOAD
2000
2k
ILOAD TO
LOAD or CHARGER
LOGIC
SUPPLY
DISCHARGE/CHARGE
VOUT (1V/A)
__________Typical Operating Circuit
19-0335; Rev 2; 12/96
PART
MAX471CPA
MAX471CSA
MAX471EPA
-40°C to +85°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 Plastic DIP
8 SO
8 Plastic DIP
MAX471ESA
-40°C to +85°C
8 SO
MAX472CPA
0°C to +70°C
8 Plastic DIP
MAX472CSA
0°C to +70°C
8 SO
MAX472EPA
-40°C to +85°C
8 Plastic DIP
MAX472ESA
-40°C to +85°C
8 SO
MAX472 Pin Configuration continued on last page.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800


Similar Part No. - MAX472ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4721EBL-T MAXIM-MAX4721EBL-T Datasheet
293Kb / 14P
4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4721EUA MAXIM-MAX4721EUA Datasheet
293Kb / 14P
4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4722 MAXIM-MAX4722 Datasheet
293Kb / 14P
4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4722EBL-T MAXIM-MAX4722EBL-T Datasheet
293Kb / 14P
4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
More results

Similar Description - MAX472ESA

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
Precision, High Side Current Sense Amplifiers
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
Precision High-Side Current-Sense Amplifier
logo
Linear Technology
LT1787 LINER-LT1787_1 Datasheet
276Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Maxim Integrated Produc...
MAX9922 MAXIM-MAX9922 Datasheet
406Kb / 14P
Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 0; 3/09
MAX9922 MAXIM-MAX9922_10 Datasheet
356Kb / 15P
Ultra-Precision, High-Side Current-Sense Amplifiers
Rev 1; 1/10
logo
Texas Instruments
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
Precision 76V High-Side Current Sense Amplifiers with Voltage Output
logo
Linear Technology
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
LT1787HV LINER-LT1787HV_15 Datasheet
281Kb / 16P
Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8640 TI1-LMP8640_14 Datasheet
1Mb / 32P
Precision High Voltage Current Sense Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com