Electronic Components Datasheet Search
  English  ▼

X  

MAX472ESA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX472ESA
Description  Precision, High-Side Current-Sense Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX472ESA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX472ESA Datasheet HTML 4Page - Maxim Integrated Products MAX472ESA Datasheet HTML 5Page - Maxim Integrated Products MAX472ESA Datasheet HTML 6Page - Maxim Integrated Products MAX472ESA Datasheet HTML 7Page - Maxim Integrated Products MAX472ESA Datasheet HTML 8Page - Maxim Integrated Products MAX472ESA Datasheet HTML 9Page - Maxim Integrated Products MAX472ESA Datasheet HTML 10Page - Maxim Integrated Products MAX472ESA Datasheet HTML 11Page - Maxim Integrated Products MAX472ESA Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
In Figure 6, assume the load current to be measured is
10A and that you have determined a 0.3 inch wide, 2
ounce copper to be appropriate. The resistivity of 0.1
inch wide, 2 ounce copper is 30m
Ω/ft (see Note 4). For
10A you may want RSENSE = 5m
Ω for a 50mV drop at
full scale. This resistor will require about 2 inches of 0.1
inch wide copper trace.
RG1 and RG2
Once RSENSE is chosen, RG1 and RG2 can be chosen
to define the current-gain ratio (RSENSE/RG). Choose
RG = RG1 = RG2 based on the following criteria:
a) 1
Ω Input Resistance. The minimum RG value is lim-
ited by the 1
Ω input resistance, and also by the out-
put current limitation (see below). As RG is reduced,
the input resistance becomes a larger portion of the
total gain-setting resistance. With RG = 50
Ω, the
input resistance produces a 2% difference between
the expected and actual current-gain ratio. This is a
gain error that does not affect linearity and can be
removed by adjusting RG or ROUT.
b) Efficiency. As RG is reduced, IOUT gets larger for a
given load current. Power dissipated in ROUT is not
going to the load, and therefore reduces overall effi-
ciency. This is significant only when the sense cur-
rent is small.
c) Maximum Output Current Limitation. IOUT is limit-
ed to 1.5mA, requiring RG
≥ VSENSE / 1.5mA. For
VSENSE = 60mV, RG must be
≥ 40Ω.
d) Headroom. The MAX472 requires a minimum of
1.5V between the lower of the voltage at RG1 or
RG2 (VRG_) and VOUT. As RG becomes larger, the
voltage drop across RG also becomes larger for a
given IOUT. This voltage drop further limits the maxi-
mum full-scale VOUT. Assuming the drop across
RSENSE is small and VCC is connected to either side
of RSENSE, VOUT (max) = VCC - (1.5V + IOUT (max) x
RG).
e) Output Offset Error at Low Load Currents. Large
RG values reduce IOUT for a given load current. As
IOUT gets smaller, the 2.5µA max output offset-error
current becomes a larger part of the overall output
current. Keeping the gain high by choosing a low
value for RG minimizes this offset error.
f) Input Bias Current and Input Bias Current
Mismatching. The size of RG also affects the errors
introduced by the input bias and input bias mis-
matching currents. After selecting the ratio, check to
make sure RG is small enough that IB and IOS do
not add any appreciable errors. The full-scale error
is given by:
% Error =
(RG1 - RG2) x IB + IOS x RG x 100
IFS x RSENSE
where RG1 and RG2 are the gain resistors, IB is the
bias current, IOS is the bias-current mismatch, IFS is the
full-scale current, and RSENSE is the sense resistor.
Assuming a 5A load current, 10m
Ω RSENSE, and 100Ω
RG, the current-gain ratio is 100µA/A, yielding a full-
scale IOUT of 500µA. Using the maximum values for IB
(20µA) and IOS (2µA), and 1% resistors for RG1 and
RG2 (RG1 - RG2 = 2
Ω), the worst-case error at full
scale calculates to:
2
Ω x 20µA + 100Ω x 2µA
= 0.48%
5m
Ω x 5A
The error may be reduced by: a) better matching of
RG1 and RG2, b) increasing RSENSE, or c) decreasing
RG.
Current-Sense Adjustment
(Resistor Range, Output Adjust)
Choose ROUT after selecting RSENSE, RG1, and RG2.
Choose ROUT to obtain the full-scale voltage you
Precision, High-Side
Current-Sense Amplifiers
10
______________________________________________________________________________________
Note 4: Printed Circuit Design, by Gerald L. Ginsberg; McGraw-Hill, Inc.; page 185.
3V
TO
36V
RSENSE
1
2
3
4
8
7
6
5
MAX472
0.1" COPPER
0.3" COPPER
0.3" COPPER
RG2
RG1
1.5k
1k
POWER
SOURCE
OR
BATTERY
TO LOAD/CHARGER
RG1
N.C.
SHDN
SIGN
OUT
VCC
GND
RG2
Figure 6. MAX472 Connections Showing Use of PC Board
Trace



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com