Electronic Components Datasheet Search
  English  ▼

X  

MAX481 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX481
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX481 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX481 Datasheet HTML 6Page - Maxim Integrated Products MAX481 Datasheet HTML 7Page - Maxim Integrated Products MAX481 Datasheet HTML 8Page - Maxim Integrated Products MAX481 Datasheet HTML 9Page - Maxim Integrated Products MAX481 Datasheet HTML 10Page - Maxim Integrated Products MAX481 Datasheet HTML 11Page - Maxim Integrated Products MAX481 Datasheet HTML 12Page - Maxim Integrated Products MAX481 Datasheet HTML 13Page - Maxim Integrated Products MAX481 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
10
______________________________________________________________________________________
_______________________________________________________Switching Waveforms
DI
3V
0V
Z
Y
VO
0V
-VO
VO
1.5V
tPLH
1/2 VO
10%
tR
90%
90%
tPHL
1.5V
1/2 VO
10%
tF
VDIFF = V (Y) - V (Z)
VDIFF
tSKEW = | tPLH - tPHL |
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
Y, Z
VOL
Y, Z
0V
1.5V
1.5V
VOL +0.5V
VOH -0.5V
2.3V
2.3V
tZL(SHDN), tZL
tLZ
tZH(SHDN), tZH
tHZ
DE
VOH
VOL
VID
-VID
1.5V
0V
1.5V
OUTPUT
INPUT
0V
RO
A-B
tPLH
tPHL
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
VCC
RO
RO
0V
1.5V
1.5V
VOL + 0.5V
VOH - 0.5V
1.5V
1.5V
tZL(SHDN), tZL
tLZ
tZH(SHDN), tZH
tHZ
RE
_________________Function Tables (MAX481/MAX483/MAX485/MAX487/MAX1487)
Figure 8. Driver Propagation Delays
Figure 9. Driver Enable and Disable Times (except MAX488 and
MAX490)
Figure 10. Receiver Propagation Delays
Figure 11. Receiver Enable and Disable Times (except MAX488
and MAX490)
Table 1. Transmitting
Table 2. Receiving
INPUTS
OUTPUT
RE
DE
A-B
RO
0
0
0
1
0
0
0
0
> +0.2V
< -0.2V
Inputs open
X
1
0
1
High-Z
*
X = Don't care
High-Z = High impedance
* Shutdown mode for MAX481/MAX483/MAX487
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
X
0
1
1
1
0
0
1
0
X
X
0
1
High-Z
High-Z
*
1
0
High-Z
High-Z
*
X = Don't care
High-Z = High impedance
* Shutdown mode for MAX481/MAX483/MAX487



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com