Electronic Components Datasheet Search
  English  ▼

X  

MAX481 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX481
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX481 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX481 Datasheet HTML 11Page - Maxim Integrated Products MAX481 Datasheet HTML 12Page - Maxim Integrated Products MAX481 Datasheet HTML 13Page - Maxim Integrated Products MAX481 Datasheet HTML 14Page - Maxim Integrated Products MAX481 Datasheet HTML 15Page - Maxim Integrated Products MAX481 Datasheet HTML 16Page - Maxim Integrated Products MAX481 Datasheet HTML 17Page - Maxim Integrated Products MAX481 Datasheet HTML 18Page - Maxim Integrated Products MAX481 Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
16
______________________________________________________________________________________
TRANSISTOR COUNT: 248
SUBSTRATE CONNECTED TO GND
MAX488/MAX490
B
RO
0.054"
(1.372mm)
0.080"
(2.032mm)
N.C.
DI
GND
Z
A
VCC
Y
N.C.
_____________________________________________Chip Topographies (continued)
MAX489/MAX491
B
RO
0.054"
(1.372mm)
0.080"
(2.032mm)
DE
DI
GND
Z
A
VCC
Y
RE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com