Electronic Components Datasheet Search
  English  ▼

X  

MAX481 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX481
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX481 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX481 Datasheet HTML 1Page - Maxim Integrated Products MAX481 Datasheet HTML 2Page - Maxim Integrated Products MAX481 Datasheet HTML 3Page - Maxim Integrated Products MAX481 Datasheet HTML 4Page - Maxim Integrated Products MAX481 Datasheet HTML 5Page - Maxim Integrated Products MAX481 Datasheet HTML 6Page - Maxim Integrated Products MAX481 Datasheet HTML 7Page - Maxim Integrated Products MAX481 Datasheet HTML 8Page - Maxim Integrated Products MAX481 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
_______________________________________________________________________________________
5
30
0
02.5
OUTPUT CURRENT vs.
RECEIVER OUTPUT LOW VOLTAGE
5
25
OUTPUT LOW VOLTAGE (V)
1.5
15
10
0.5
1.0
2.0
20
35
40
45
0.9
0.1
-50
-25
25
75
RECEIVER OUTPUT LOW VOLTAGE vs.
TEMPERATURE
0.3
0.7
TEMPERATURE (°C)
050
0.5
0.8
0.2
0.6
0.4
0
100
125
IRO = 8mA
-20
-4
1.5
2.0
3.0
5.0
OUTPUT CURRENT vs.
RECEIVER OUTPUT HIGH VOLTAGE
-8
-16
OUTPUT HIGH VOLTAGE (V)
2.5
4.0
-12
-18
-6
-14
-10
-2
0
3.5
4.5
4.8
3.2
-50
-25
25
75
RECEIVER OUTPUT HIGH VOLTAGE vs.
TEMPERATURE
3.6
4.4
TEMPERATURE (°C)
050
4.0
4.6
3.4
4.2
3.8
3.0
100
125
IRO = 8mA
90
0
01.0
3.04.5
DRIVER OUTPUT CURRENT vs.
DIFFERENTIAL OUTPUT VOLTAGE
10
70
DIFFERENTIAL OUTPUT VOLTAGE (V)
2.0
4.0
50
30
80
60
40
20
0.5
1.5
2.5
3.5
2.3
1.5
-50
-25
25
125
DRIVER DIFFERENTIAL OUTPUT VOLTAGE
vs. TEMPERATURE
1.7
2.1
TEMPERATURE (
°C)
075
1.9
2.2
1.6
2.0
1.8
100
50
2.4
R = 54
Ω
__________________________________________Typical Operating Characteristics
(VCC = 5V, TA = +25°C, unless otherwise noted.)
NOTES FOR ELECTRICAL/SWITCHING CHARACTERISTICS
Note 1: All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device
ground unless otherwise specified.
Note 2: All typical specifications are given for VCC = 5V and TA = +25°C.
Note 3: Supply current specification is valid for loaded transmitters when DE = 0V.
Note 4: Applies to peak current. See Typical Operating Characteristics.
Note 5: The MAX481/MAX483/MAX487 are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less
than 50ns, the parts are guaranteed not to enter shutdown. If the inputs are in this state for at least 600ns, the parts are
guaranteed to have entered shutdown. See Low-Power Shutdown Mode section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com