Electronic Components Datasheet Search
  English  ▼

X  

MAX481 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX481
Description  Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX481 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX481 Datasheet HTML 7Page - Maxim Integrated Products MAX481 Datasheet HTML 8Page - Maxim Integrated Products MAX481 Datasheet HTML 9Page - Maxim Integrated Products MAX481 Datasheet HTML 10Page - Maxim Integrated Products MAX481 Datasheet HTML 11Page - Maxim Integrated Products MAX481 Datasheet HTML 12Page - Maxim Integrated Products MAX481 Datasheet HTML 13Page - Maxim Integrated Products MAX481 Datasheet HTML 14Page - Maxim Integrated Products MAX481 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Low-Power Shutdown Mode
(MAX481/MAX483/MAX487)
A low-power shutdown mode is initiated by bringing
both RE high and DE low. The devices will not shut
down unless both the driver and receiver are disabled.
In shutdown, the devices typically draw only 0.1µA of
supply current.
RE and DE may be driven simultaneously; the parts are
guaranteed not to enter shutdown if RE is high and DE
is low for less than 50ns. If the inputs are in this state
for at least 600ns, the parts are guaranteed to enter
shutdown.
For the MAX481, MAX483, and MAX487, the tZH and
tZL enable times assume the part was not in the low-
power shutdown state (the MAX485/MAX488–MAX491
and MAX1487 can not be shut down). The tZH(SHDN)
and tZL(SHDN) enable times assume the parts were shut
down (see Electrical Characteristics).
It takes the drivers and receivers longer to become
enabled from the low-power shutdown state
(tZH(SHDN), tZL(SHDN)) than from the operating mode
(tZH, tZL). (The parts are in operating mode if the
–
R
—
E
–
,
DE inputs equal a logical 0,1 or 1,1 or 0, 0.)
Driver Output Protection
Excessive output current and power dissipation caused
by faults or by bus contention are prevented by two
mechanisms. A foldback current limit on the output
stage provides immediate protection against short cir-
cuits over the whole common-mode voltage range (see
Typical Operating Characteristics). In addition, a ther-
mal shutdown circuit forces the driver outputs into a
high-impedance state if the die temperature rises
excessively.
Propagation Delay
Many digital encoding schemes depend on the differ-
ence between the driver and receiver propagation
delay times. Typical propagation delays are shown in
Figures 15–18 using Figure 14’s test circuit.
The difference in receiver delay times, | tPLH - tPHL |, is
typically under 13ns for the MAX481, MAX485,
MAX490, MAX491, and MAX1487 and is typically less
than 100ns for the MAX483 and MAX487–MAX489.
The driver skew times are typically 5ns (10ns max) for
the MAX481, MAX485, MAX490, MAX491, and
MAX1487, and are typically 100ns (800ns max) for the
MAX483 and MAX487–MAX489.
Low-Power, Slew-Rate-Limited
RS-485/RS-422 Transceivers
______________________________________________________________________________________
11
10dB/div
0Hz
5MHz
500kHz/div
10dB/div
0Hz
5MHz
500kHz/div
Figure 12. Driver Output Waveform and FFT Plot of MAX481/
MAX485/MAX490/MAX491/MAX1487 Transmitting a 150kHz
Signal
Figure 13. Driver Output Waveform and FFT Plot of MAX483/
MAX487–MAX489 Transmitting a 150kHz Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com