Electronic Components Datasheet Search
  English  ▼

X  

MAX503 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX503
Description  5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX503 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX503 Datasheet HTML 5Page - Maxim Integrated Products MAX503 Datasheet HTML 6Page - Maxim Integrated Products MAX503 Datasheet HTML 7Page - Maxim Integrated Products MAX503 Datasheet HTML 8Page - Maxim Integrated Products MAX503 Datasheet HTML 9Page - Maxim Integrated Products MAX503 Datasheet HTML 10Page - Maxim Integrated Products MAX503 Datasheet HTML 11Page - Maxim Integrated Products MAX503 Datasheet HTML 12Page - Maxim Integrated Products MAX503 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Output Buffer
The output amplifier uses a folded cascode input stage
and a type AB output stage. Large output devices with
low series resistance allow the output to swing to
ground in single-supply operation. The output buffer is
unity-gain stable. Input offset voltage and supply cur-
rent are laser trimmed. Settling time is 25µs to 0.01% of
final value. The output is short-circuit protected and
can drive a 2k
Ω load with more than 100pF of load
capacitance. The op amp may be placed in unity-gain
(G = 1), in a gain of two (G = 2), or in a bipolar-output
mode by using the ROFS and RFB pins. These pins are
used to define a DAC output voltage range of 0V to
+2.048V, 0V to +4.096V or ±2.048V, by connecting
ROFS to VOUT, GND, or REFIN. RFB is always con-
nected to VOUT. Table 1 summarizes ROFS usage.
External Reference
An external reference in the range (VSS + 2V) to
(VDD - 2V) may be used with the MAX503 in dual-sup-
ply, unity-gain operation. In single-supply, unity-gain
operation, the reference must be positive and may not
exceed (VDD - 2V). The reference voltage determines
the DAC’s full-scale output.
If an upgrade to the internal reference is required, the
2.5V MAX873A is ideal: ±15mV initial accuracy,
7ppm/°C (max) temperature coefficient.
Power-On Reset
An internal power-on reset (POR) circuit forces the
DAC register to reset to all 0s when VDD is first applied.
The POR pulse is typically 1.3µs; however, it may take
2ms for the internal reference to charge its large filter
capacitor and settle to its trimmed value.
In addition to POR, a clear (CLR) pin, when held low,
sets the DAC register to all 0s. CLR operates asynchro-
nously and independently from chip select (CS). With
the DAC input at all 0s, the op-amp output is at zero for
unity-gain and G = 2 configurations, but it is at -VREF
for the bipolar configuration.
Shutdown Mode
The MAX503 is designed for low power consumption.
Understanding the circuit allows power consumption
management for maximum efficiency. In single-supply
mode (VDD = +5V, VSS = GND) the initial supply cur-
rent is typically only 160µA, including the reference, op
amp, and DAC. This low current occurs when the
power-on reset circuit clears the DAC to all 0s and
forces the op-amp output to zero (unipolar mode only).
See the Supply Current vs. REFIN graph in the
Typical
Operating Characteristics. Under this condition, there
is no internal load on the reference (DAC = all 0s,
REFIN is open circuit) and the op amp operates at its
minimum quiescent current. The CLR signal resets the
MAX503 to these same conditions and can be used to
control a power-saving mode when the DAC is not
being used by the system.
5V, Low-Power, Parallel-Input,
Voltage-Output, 10-Bit DAC
_______________________________________________________________________________________
9
ROFS
CONNECTED TO:
DAC OUTPUT
RANGE
OP-AMP
GAIN
VOUT
0V to 2.048V
G = 1
AGND
0V to 4.096V
G = 2
REFIN
-2.048V to +2.048V
Bipolar
Note: Assumes RFB = VOUT and REFIN = REFOUT = 2.048V
Table 1. ROFS Usage
Figure 2. Reference Noise vs. Frequency
300
50
1
10
100
100
FREQUENCY (kHz)
150
200
250
0
0.1
1000
TOTAL
REFERENCE
NOISE
RS
REFOUT
CREFOUT
CS
TEK 7A22
CREFOUT = 3.3µF
CREFOUT = 47µF
SINGLE POLE ROLLOFF
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com