Electronic Components Datasheet Search
  English  ▼

X  

MAX503 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX503
Description  5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX503 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX503 Datasheet HTML 2Page - Maxim Integrated Products MAX503 Datasheet HTML 3Page - Maxim Integrated Products MAX503 Datasheet HTML 4Page - Maxim Integrated Products MAX503 Datasheet HTML 5Page - Maxim Integrated Products MAX503 Datasheet HTML 6Page - Maxim Integrated Products MAX503 Datasheet HTML 7Page - Maxim Integrated Products MAX503 Datasheet HTML 8Page - Maxim Integrated Products MAX503 Datasheet HTML 9Page - Maxim Integrated Products MAX503 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
5V, Low-Power, Parallel-Input,
Voltage-Output, 10-Bit DAC
6
_______________________________________________________________________________________
____________________________Typical Operating Characteristics (continued)
(Single +5V supply, unity gain, code = all 1s, TA = +25°C, unless otherwise noted.)
DIGITAL FEEDTHROUGH
A
B
A: S0, S1, D0–D9 = 100kHz, 4Vp-p
B: VOUT, 10mV/div
LDAC = CS = HIGH
2
µs/div
A: DIGITAL INPUTS RISING EDGE,
B: VOUT, NO LOAD, 1V/div
DUAL SUPPLY (±5V)
LDAC = LOW
BIPOLAR CONFIGURATION
VREFIN = 2V
A
B
SETTLING TIME (RISING)
5
µs/div
2.0480
2.0450
0
5.0
REFERENCE OUTPUT VOLTAGE
vs. REFERENCE LOAD CURRENT
2.0455
2.0475
REFERENCE LOAD CURRENT (mA)
3.0
2.0465
2.0460
1.0
2.0
4.0
2.0470
0.5
1.5
2.5
3.5
4.5
A: DIGITAL INPUTS FALLING EDGE, 5V/div
B: VOUT, NO LOAD, 1V/div
DUAL SUPPLY (±5V)
LDAC = LOW
BIPOLAR CONFIGURATION
VREFIN = 2V
A
SETTLING TIME (FALLING)
B
5µs/div
0
0
500
SUPPLY CURRENT vs. REFIN
50
250
REFIN (mV)
300
150
100
100
200
400
200
50
150
250
350
450
EXTERNAL REFERENCE
REFGND = AGND
REFGND = VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com