Electronic Components Datasheet Search
  English  ▼

X  

MAX503 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX503
Description  5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX503 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX503 Datasheet HTML 1Page - Maxim Integrated Products MAX503 Datasheet HTML 2Page - Maxim Integrated Products MAX503 Datasheet HTML 3Page - Maxim Integrated Products MAX503 Datasheet HTML 4Page - Maxim Integrated Products MAX503 Datasheet HTML 5Page - Maxim Integrated Products MAX503 Datasheet HTML 6Page - Maxim Integrated Products MAX503 Datasheet HTML 7Page - Maxim Integrated Products MAX503 Datasheet HTML 8Page - Maxim Integrated Products MAX503 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5V, Low-Power, Parallel-Input,
Voltage-Output, 10-Bit DAC
_______________________________________________________________________________________
5
12
0
0
0.8
OUTPUT SINK CAPABILITY vs.
OUTPUT PULL-DOWN VOLTAGE
2
10
OUTPUT PULL-DOWN VOLTAGE (V)
0.6
6
4
0.2
0.4
8
1.0
14
16
6
0
04
OUTPUT SOURCE CAPABILITY vs.
OUTPUT PULL-UP VOLTAGE
1
5
OUTPUT PULL-UP VOLTAGE (V)
3
3
2
12
4
5
7
8
300
230
-60
-20
60
140
SUPPLY CURRENT vs. TEMPERATURE
250
280
TEMPERATURE (°C)
20
100
260
290
270
240
-40
0
40
80
120
4
-14
1
100
100k
GAIN vs. FREQUENCY
-12
FREQUENCY (Hz)
-8
-4
0
2
-2
-6
-10
1k
10k
REFIN = 4Vp-p
DUAL SUPPLIES (±5V)
__________________________________________Typical Operating Characteristics
(Single +5V supply, unity gain, code = all 1s, TA = +25°C, unless otherwise noted.)
-110
0
1
10
1k
100k
ANALOG FEEDTHROUGH vs.
FREQUENCY
-30
-70
FREQUENCY (Hz)
100
10k
1M
-100
-90
-80
-60
-50
-40
-20
-10
REFIN = 2Vp-p
CODE = ALL 0s,
DUAL SUPPLIES (±5V)
2.055
2.045
-60
120
REFERENCE VOLTAGE vs.
TEMPERATURE
TEMPERATURE (
°C)
60
2.050
-20
20
80 100
40
0
-40
140
80
0
10
1k
100k
AMPLIFIER SIGNAL-TO-NOISE RATIO
10
FREQUENCY (Hz)
20
40
60
30
50
70
10k
100
REFIN = 4Vp-p
DUAL SUPPLIES (±5V)
200
-300
1
GAIN AND PHASE vs.
FREQUENCY
-100
100
FREQUENCY (kHz)
10
100
0
-200
800
-180
0
180
GAIN
PHASE
(G = 2)
(G = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com