Electronic Components Datasheet Search
  English  ▼

X  

MAX503 Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX503
Description  5V, Low-Power, Parallel-Input, Voltage-Output, 10-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX503 Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX503 Datasheet HTML 8Page - Maxim Integrated Products MAX503 Datasheet HTML 9Page - Maxim Integrated Products MAX503 Datasheet HTML 10Page - Maxim Integrated Products MAX503 Datasheet HTML 11Page - Maxim Integrated Products MAX503 Datasheet HTML 12Page - Maxim Integrated Products MAX503 Datasheet HTML 13Page - Maxim Integrated Products MAX503 Datasheet HTML 14Page - Maxim Integrated Products MAX503 Datasheet HTML 15Page - Maxim Integrated Products MAX503 Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
5V, Low-Power, Parallel-Input,
Voltage-Output, 10-Bit DAC
14
______________________________________________________________________________________
INPUT*
OUTPUT
1111
1111
11(00)
1000
0000
01(00)
1000
0000
00(00)
0111
1111
11(00)
0000
0000
01(00)
0000
0000
00(00)
(VREFIN)
1023
1024
(VREFIN)
513
1024
(VREFIN)
512
1024
(VREFIN)
511
1024
(VREFIN)
1
1024
OV
= +VREFIN/2
Table 3. Unipolar Binary Code Table
(0V to VREFIN Output), Gain = 1
INPUT*
OUTPUT
1111
1111
11(00)
1000
0000
01(00)
1000
0000
00(00)
0111
1111
11(00)
0000
0000
01(00)
0000
0000
00(00)
+2 (VREFIN)
1023
1024
+2 (VREFIN)
513
1024
+2 (VREFIN)
512
1024
+2 (VREFIN)
511
1024
+2 (VREFIN)
1
1024
OV
= +VREFIN
Table 4. Unipolar Binary Code Table
(0V to 2VREFIN Output), Gain = 2
INPUT*
OUTPUT
1111
1111
11(00)
1000
0000
01(00)
1000
0000
00(00)
0111
1111
11(00)
0000
0000
01(00)
0000
0000
00(00)
(+VREFIN)
511
512
(+VREFIN)
1
512
(-VREFIN)
1
512
(-VREFIN)
511
512
0V
(-VREFIN)
512
512
= -VREFIN
Table 5. Bipolar (Offset Binary) Code
Table (-VREFIN to +VREFIN Output)
Bipolar Configuration
A -VREFIN to +VREFIN bipolar range is set up by con-
necting ROFS to REFIN and RFB to VOUT, and operat-
ing from dual (±5V) supplies (Figure 11). Table 5
shows the DAC-latch contents (input) vs. VOUT (out-
put). In this range, 1LSB = VREFIN (2 -9).
Four-Quadrant Multiplication
The MAX503 can be used as a four-quadrant multiplier
by connecting ROFS to REFIN and RFB to VOUT, and
using (1) an offset binary digital code, (2) bipolar
power supplies, and (3) a bipolar analog input at
REFIN within the range VSS + 2V to VDD - 2V, as shown
in Figure 12.
In general, a 10-bit DAC’s output is D(VREFIN)(G),
where “G” is the gain (1 or 2) and “D” is the binary rep-
resentation of the digital input divided by 210 or 1,024.
This formula is precise for unipolar operation. However,
for bipolar, offset binary operation, the MSB is really a
polarity bit. No resolution is lost because the number of
steps is the same. The output voltage, however, has
been shifted from a range of, for example, 0V to
4.096V (G = 2) to a range of -2.048V to +2.048V.
Keep in mind that when using the DAC as a four-quad-
rant multiplier, the scale is skewed. The negative full
scale is -VREFIN, while the positive full scale is
+VREFIN - 1LSB.
* Write 10-bit data words with two sub-LSB 0s because the
DAC input latch is 12 bits wide.
* Write 10-bit data words with two sub-LSB 0s because the
DAC input latch is 12 bits wide.
* Write 10-bit data words with two sub-LSB 0s because the
DAC input latch is 12 bits wide.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com