Electronic Components Datasheet Search
  English  ▼

X  

MAX512CSD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX512CSD
Description  Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX512CSD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX512CSD Datasheet HTML 4Page - Maxim Integrated Products MAX512CSD Datasheet HTML 5Page - Maxim Integrated Products MAX512CSD Datasheet HTML 6Page - Maxim Integrated Products MAX512CSD Datasheet HTML 7Page - Maxim Integrated Products MAX512CSD Datasheet HTML 8Page - Maxim Integrated Products MAX512CSD Datasheet HTML 9Page - Maxim Integrated Products MAX512CSD Datasheet HTML 10Page - Maxim Integrated Products MAX512CSD Datasheet HTML 11Page - Maxim Integrated Products MAX512CSD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Low-Cost, Triple, 8-Bit Voltage-Output DACs
with Serial Interface
8
_______________________________________________________________________________________
A
TIME EXITING SHUTDOWN MODE
20
µs/div
VDD = 3V, VSS = 0V, REFAB = VDD, RL = 1k Ω, CL = 0.1µF
DAC LOADED WITH ALL 1s
B
A: CS, 2V/div
B: OUTA, 1V/div
_____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
OUTA,
200
µV/div
OUTPUT VOLTAGE NOISE DC TO 1MHz
2ms/div
DIGITAL CODE = 80, REFAB = VDD, NO LOAD
______________________________________________________________Pin Description
DAC B Output Voltage (Buffered). Resets to full scale. Connect 0.01µF capacitor or greater to GND.
OUTB
9
DAC C Output Voltage (Unbuffered). Resets to zero.
OUTC
10
DAC C Reference Voltage
REFC
11
DAC A/B Reference Voltage
REFAB
12
Internally connected. Do not make connections to this pin.
I.C.
13
Positive Power Supply (2.7V to 5.5V). Bypass with 0.22µF to GND.
VDD
5
Ground
GND
6
Negative Power Supply 0V or (-1.5V to -5.5V). Tie to GND for single supply operation. If a negative supply
is applied, bypass with 0.22µF to GND.
VSS
7
DAC A Output Voltage (Buffered). Resets to full scale. Connect 0.1µF capacitor or greater to GND.
OUTA
8
Asynchronous reset input (active low). Clears all registers to their default state (FFhex for DAC A and
DAC B registers); all other registers are reset to 0 (including the input shift register).
–
R
—
E
—
S
—
E
—
T
–
4
Serial Clock Input. Data is clocked in on the rising edge of SCLK.
SCLK
3
PIN
Chip Select (active low). Enables data to be shifted into the 16-bit shift register. Programming commands
are executed at the rising edge of
–
C
—
S
–
.
–
C
—
S
–
2
Serial Data Input of the 16-bit shift register. Data is clocked into the register on the rising edge of SCLK.
DIN
1
FUNCTION
NAME
14
LOUT
Logic Output (latched)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com