Electronic Components Datasheet Search
  English  ▼

X  

MAX512CSD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX512CSD
Description  Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX512CSD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX512CSD Datasheet HTML 1Page - Maxim Integrated Products MAX512CSD Datasheet HTML 2Page - Maxim Integrated Products MAX512CSD Datasheet HTML 3Page - Maxim Integrated Products MAX512CSD Datasheet HTML 4Page - Maxim Integrated Products MAX512CSD Datasheet HTML 5Page - Maxim Integrated Products MAX512CSD Datasheet HTML 6Page - Maxim Integrated Products MAX512CSD Datasheet HTML 7Page - Maxim Integrated Products MAX512CSD Datasheet HTML 8Page - Maxim Integrated Products MAX512CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
_______________General Description
The MAX512/MAX513 contain three 8-bit, voltage-output
digital-to-analog converters (DAC A, DAC B, and DAC C).
Output buffer amplifiers for DACs A and B provide voltage
outputs while reducing external component count. The
output buffer for DAC A can source or sink 5mA to within
0.5V of VDD or VSS. The buffer for DAC B can source or
sink 0.5mA to within 0.5V of VDD or VSS. DAC C is
unbuffered, providing a third voltage output with increased
accuracy. The MAX512 operates with a single
+5V ±10% supply, and the MAX513 operates with a
+2.7V to +3.6V supply. Both devices can also operate
with split supplies.
The 3-wire serial interface has a maximum operating fre-
quency of 5MHz and is compatible with SPI™, QSPI™,
and Microwire™. The serial input shift register is 16 bits
long and consists of 8 bits of DAC input data and 8 bits
for DAC selection and shutdown. DAC registers can be
loaded independently or in parallel at the positive edge
of
–
C
—
S
–
. A latched logic output is also available for auxil-
iary control.
Ultra-low power consumption and small packages
(14-pin DIP/SO) make the MAX512/MAX513 ideal for
portable and battery-powered applications. Supply cur-
rent is only 1mA, dropping to less than 1µA in shutdown.
Any of the three DACs can be independently shut down.
In shutdown mode, the DAC's R-2R ladder network is
disconnected from the reference input, minimizing sys-
tem power consumption.
________________________Applications
Digital Gain and Offset Adjustment
Programmable Attenuators
Programmable Current Sources
Programmable Voltage Sources
RF Digitally Adjustable Bias Circuits
VCO Tuning
____________________________Features
o Operate from a Single +5V (MAX512) or
+3V (MAX513) Supply, or from Bipolar Supplies
o Low Power Consumption
1mA Operating Current
<1µA Shutdown Current
o Unipolar or Bipolar Outputs
o 5MHz, 3-Wire Serial Interface
o SPI, QSPI, and Microwire Compatible
o Two Buffered, Bipolar-Output DACs (DACs A/B)
o Independently Programmable Shutdown Mode
o Space-Saving 14-Pin SO/DIP Packages
o Pin and Software Reset
______________Ordering Information
Ordering Information continued at end of data sheet.
* Contact factory for dice specifications.
Low-Cost, Triple, 8-Bit Voltage-Output DACs
with Serial Interface
________________________________________________________________
Maxim Integrated Products
1
DAC
LATCH
A
DAC A
DAC
LATCH
B
DAC B
DAC
LATCH
C
LATCH
DAC C
SCLK
OUTA
OUTB
OUTC
LOUT
DIN
CS
REFAB
REFC
RESET
VDD
VSS
GND
MAX512
MAX513
12
4
56
7
8
9
10
11
12
14
3
________________Functional Diagram
1
2
3
4
14
13
12
11
LOUT
I.C.
REFAB
REFC
RESET
SCLK
CS
DIN
DIP/SO
TOP VIEW
MAX512
MAX513
5
6
7
10
9
8
OUTC
OUTB
OUTA
VSS
GND
VDD
__________________Pin Configuration
19-0252; Rev 2; 5/96
PART
TEMP. RANGE
PIN-PACKAGE
MAX512CPD
0°C to +70°C
14 Plastic DIP
MAX512CSD
0°C to +70°C
14 SO
MAX512C/D
0°C to +70°C
Dice*
Microwire is a trademark of National Semiconductor Corp. SPI and QSPI are trademarks of Motorola Inc.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800


Similar Part No. - MAX512CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5120 MAXIM-MAX5120 Datasheet
288Kb / 20P
3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5120-MAX5121 MAXIM-MAX5120-MAX5121 Datasheet
288Kb / 20P
3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5120AEEE MAXIM-MAX5120AEEE Datasheet
288Kb / 20P
3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5120BEEE MAXIM-MAX5120BEEE Datasheet
288Kb / 20P
3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
MAX5121AEEE MAXIM-MAX5121AEEE Datasheet
288Kb / 20P
3V/5V, 12-Bit, Serial Voltage-Output DACs with Internal Reference
Rev 0; 2/99
More results

Similar Description - MAX512CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5150 MAXIM-MAX5150 Datasheet
188Kb / 16P
Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
Rev 0; 8/97
MAX5154 MAXIM-MAX5154 Datasheet
184Kb / 16P
Low-Power, Dual, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX5158 MAXIM-MAX5158 Datasheet
181Kb / 16P
Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
Rev 1; 12/97
MAX535 MAXIM-MAX535 Datasheet
144Kb / 16P
Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
Rev 1; 12/96
MAX5352 MAXIM-MAX5352 Datasheet
197Kb / 16P
Low-Power, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 2/97
MAX5380 MAXIM-MAX5380 Datasheet
325Kb / 12P
Low-Cost, Low-Power, 8-Bit DACs with 2-Wire Serial Interface in SOT23
Rev 1; 1/01
logo
IC MICROSYSTEMS
ICM7562 ICMIC-ICM7562 Datasheet
186Kb / 10P
12/10/8-Bit Low Power Dual DACs With Serial Interface and Voltage Output
ICM7563 ICMIC-ICM7563 Datasheet
192Kb / 11P
12/10/8-Bit Low Power Quad DACs With Serial Interface and Voltage Output
logo
Maxim Integrated Produc...
MAX5500 MAXIM-MAX5500 Datasheet
219Kb / 14P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 0; 11/08
MAX5500 MAXIM-MAX5500_09 Datasheet
289Kb / 15P
Low-Power, Quad, 12-Bit Voltage-Output DACs with Serial Interface
Rev 1; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com