Electronic Components Datasheet Search
  English  ▼

X  

MAX512CSD Datasheet(PDF) 15 Page - Maxim Integrated Products

Part # MAX512CSD
Description  Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX512CSD Datasheet(HTML) 15 Page - Maxim Integrated Products

Back Button MAX512CSD Datasheet HTML 8Page - Maxim Integrated Products MAX512CSD Datasheet HTML 9Page - Maxim Integrated Products MAX512CSD Datasheet HTML 10Page - Maxim Integrated Products MAX512CSD Datasheet HTML 11Page - Maxim Integrated Products MAX512CSD Datasheet HTML 12Page - Maxim Integrated Products MAX512CSD Datasheet HTML 13Page - Maxim Integrated Products MAX512CSD Datasheet HTML 14Page - Maxim Integrated Products MAX512CSD Datasheet HTML 15Page - Maxim Integrated Products MAX512CSD Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Low-Cost, Triple, 8-Bit Voltage-Output DACs
with Serial Interface
______________________________________________________________________________________
15
_Ordering Information (continued)
___________________Chip Topography
SCLK
RESET
REFC
REFAB
OUTC
OUTA
GND
OUTB
VSS
CS
LOUT
DIN
0.122"
(3.099mm)
0.081"
(2.057mm)
VDD
TRANSISTOR COUNT: 1910
SUBSTRATE CONNECTED TO VDD
* Contact factory for dice specifications.
Dice*
0°C to +70°C
MAX513C/D
14 SO
0°C to +70°C
MAX513CSD
14 Plastic DIP
0°C to +70°C
MAX513CPD
14 CERDIP
-55°C to +125°C
MAX513MJD
14 SO
-40°C to +85°C
MAX513ESD
14 Plastic DIP
-40°C to +85°C
MAX513EPD
14 CERDIP
-55°C to +125°C
MAX512MJD
14 SO
-40°C to +85°C
MAX512ESD
14 Plastic DIP
-40°C to +85°C
MAX512EPD
PIN-PACKAGE
TEMP. RANGE
PART



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com