Electronic Components Datasheet Search
  English  ▼

X  

MAX512CSD Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX512CSD
Description  Low-Cost, Triple, 8-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX512CSD Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX512CSD Datasheet HTML 1Page - Maxim Integrated Products MAX512CSD Datasheet HTML 2Page - Maxim Integrated Products MAX512CSD Datasheet HTML 3Page - Maxim Integrated Products MAX512CSD Datasheet HTML 4Page - Maxim Integrated Products MAX512CSD Datasheet HTML 5Page - Maxim Integrated Products MAX512CSD Datasheet HTML 6Page - Maxim Integrated Products MAX512CSD Datasheet HTML 7Page - Maxim Integrated Products MAX512CSD Datasheet HTML 8Page - Maxim Integrated Products MAX512CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Low-Cost, Triple, 8-Bit Voltage Output DACs
with Serial Interface
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
0.0001
0.1
100
0.01
10
0.001
1
OUTPUT VOLTAGE vs.
OUTPUT SOURCE CURRENT (VDD = 3V)
0.5
OUTPUT SOURCE CURRENT (mA)
1.5
2.5
3.5
0
1
2
3
VDD = 3V, VSS = GND = 0V
REFAB = VDD
CODE = ALL 1s
DAC A
DAC B
-2
0
224
TOTAL UNADJUSTED ERROR
vs. DIGITAL CODE (Dual Supplies)
0
8
12
10
DIGITAL CODE
160
4
2
32
96
255
192
64
128
6
VDD = +3V, VSS = -3V
REFAB = VSS, REFC = VDD
CODE = ALL 1s
DAC A LOADED WITH 5mA
DAC B LOADED WITH 0.5mA
DAC B NO LOAD
DAC A NO LOAD
DAC C NO LOAD
0.0001
0.1
100
0.01
10
0.001
1
OUTPUT VOLTAGE vs.
OUTPUT SOURCE CURRENT (VDD = 5V)
3.8
OUTPUT SOURCE CURRENT (mA)
4.2
4.6
5.0
5.2
4.0
4.4
4.8
VDD = 5V, VSS = GND = 0V
REFAB = VDD
CODE = ALL 1s
DAC A
DAC B
0.0001
0.1
100
0.01
10
0.001
1
OUTPUT VOLTAGE vs.
OUTPUT SINK CURRENT
100
OUTPUT SINK CURRENT (mA)
300
500
700
800
900
0
200
400
600
VDD = 3V, VSS = GND = 0V
REFAB = VDD
CODE = ALL 1s
DAC A
DAC B
0
-35
0
192 224 255
TOTAL UNADJUSTED ERROR
vs. DIGITAL CODE (Single Supply)
-30
-10
-5
DIGITAL CODE
96
128
160
-20
-25
32
64
-15
VDD = 3V, VSS = GND = 0V
REFAB = 3V
DAC A LOADED WITH 5mA
DAC B LOADED WITH 0.5mA
1.2
0.5
2.5
4.5
5.0
5.5
POSITIVE SUPPLY CURRENT
vs. SUPPLY VOLTAGE
0.6
1.0
1.1
1.5
1.3
1.4
VDD (V)
4.0
0.8
0.7
3.0
3.5
0.9
REFAB = REFC = VDD
ALL LOGIC INPUTS GROUNDED
CONDITIONS
CL = 100pF
ns
200
tCSPWH
–
C
—
S
–
Pulse Width High
ns
150
tOD
Output Delay LOUT
ns
100
tCL
SCLK Pulse Width Low
ns
100
tCH
SCLK Pulse Width High
ns
50
tDH
DIN to SCLK Rise Hold Time
ns
50
tDS
DIN to SCLK Rise Setup Time
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ns
150
tCSS
–
C
—
S
–
Fall to SCLK Rise Setup Time
ns
150
tCSH
SCLK Rise to
–
C
—
S
–
Rise Setup Time
TIMING CHARACTERISTICS (Note 4)
(VDD = +4.5V to +5.5V for MAX512, VDD = +2.7V to +3.6V for MAX513, VSS = GND = 0V, TA = TMIN to TMAX, unless otherwise noted.)
SERIAL INTERFACE TIMING
Note 4: Guaranteed by design. Not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com