Electronic Components Datasheet Search
  English  ▼

X  

MAX531ACPD Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX531ACPD
Description  5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX531ACPD Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX531ACPD Datasheet HTML 4Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 5Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 6Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 7Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 8Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 9Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 10Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 11Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
+5V, Low-Power, Voltage-Output
Serial 12-Bit DACs
8
_______________________________________________________________________________________
10
FUNCTION
1
BIPOFF
Bipolar Offset/Gain
Resistor
2
DIN
Serial Data Input
3
CLR
Clear. Asynchronously sets
DAC register to 000 hex.
PIN
—
1
4
SCLK
Serial Clock Input
5
CS
Chip Select, active low
6
DOUT
Serial Data Output for
daisy-chaining
7
DGND
Digital Ground
—
2
3
8
AGND
Analog Ground
9
REFIN
Reference Input
4
—
5
6
—
REFOUT
Reference Output,
2.048V
11
—
VSS
Negative Power Supply
12
7
VOUT
DAC Output
13
8
VDD
Positive Power Supply
14
—
RFB
Feedback Resistor
MAX531
MAX538
MAX539
NAME
____________________Pin Description
_______________Detailed Description
General DAC Discussion
The MAX531/MAX538/MAX539 use an “inverted” R-2R
ladder network with a single-supply CMOS op amp to con-
vert 12-bit digital data to analog voltage levels (see
Functional Diagram). The term “inverted” describes the
ladder network because the REFIN pin in current-output
DACs is the summing junction, or virtual ground, of an op
amp. However, such use would result in the output voltage
being the inverse of the reference voltage. The
MAX531/MAX538/MAX539’s topology makes the output
the same polarity as the reference input.
An internal reset circuit forces the DAC register to reset to
000 hex on power-up. Additionally, a clear
CLR pin, when
held low, sets the DAC register to 000 hex.
CLR operates
asynchronously and independently from the chip-select
(
CS) pin.
Buffer Amplifier
The output buffer is a unity-gain stable, rail-to-rail output,
BiCMOS op amp. Input offset voltage and CMRR are
trimmed to achieve better than 12-bit performance.
Settling time is 25µs to 0.01% of final value. The settling
time is considerably longer when the DAC code is initially
set to 000 hex, because at this code the op amp is com-
pletely debiased. Start from code 001 hex if necessary.
The output is short-circuit protected and can drive a 2k
Ω
load with more than 100pF load capacitance.
tCSH0
tCSS
tCH
tCL
tCSH1
tCSW
tDS
tDH
tDO
CS
SCLK
DIN
DOUT
tCS1
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com