Electronic Components Datasheet Search
  English  ▼

X  

MAX531ACPD Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX531ACPD
Description  5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX531ACPD Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX531ACPD Datasheet HTML 8Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 9Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 10Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 11Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 12Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 13Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 14Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 15Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Single-Supply Linearity
As with any amplifier, the MAX531/MAX538/MAX539’s
output buffer can be positive or negative. When the off-
set is positive, it is easily accounted for (Figure 10).
However, when the offset is negative, the buffer output
cannot follow linearly when there is no negative supply.
In that case, the amplifier output (VOUT) remains at
ground until the DAC voltage is sufficient to overcome
the offset and the output becomes positive.
Normally, linearity is measured after accounting for
zero error and gain error. Since, in single-supply opera-
tion, the actual value of a negative offset is unknown, it
cannot be accounted for during test. Additionally, the
output buffer amplifier exhibits a nonlinearity near-zero
output when operating with a single supply. To account
for this nonlinearity in the MAX531/MAX538/MAX539,
linearity and gain error are measured from code 11 to
code 4095. The output buffer’s offset and nonlinear
behavior do not affect monotonicity, and these DACs
are guaranteed monotonic starting with code zero. In
dual-supply operation, linearity and gain error are mea-
sured from code 0 to 4095.
Power-Supply Bypassing and
Ground Management
Best system performance is obtained with printed cir-
cuit boards that use separate analog and digital
ground planes. Wire-wrap boards are not recommend-
ed. The two ground planes should be connected
together at the low-impedance power-supply source.
DGND and AGND should be connected together at the
chip. For the MAX531 in single-supply applications,
connect VSS to AGND at the chip. The best ground
connection may be achieved by connecting the DAC’s
DGND and AGND pins together and connecting that
point to the system analog ground plane. If the DAC’s
DGND is connected to the system digital ground, digi-
tal noise may get through to the DAC’s analog portion.
Bypass VDD (and VSS in dual-supply mode) with a
0.1µF ceramic capacitor, connected between VDD and
AGND (and between VSS and AGND). Mount with short
leads close to the device. Ferrite beads may also be
used to further isolate the analog and digital power
supplies.
Figures 11a and 11b illustrate the grounding and
bypassing scheme described.
Saving Power
When the DAC is not being used by the system, mini-
mize power consumption by setting the appropriate
code to minimize load current. For example, in bipolar
mode, with a resistive load to ground, set the DAC
code to mid-scale (Table 3). If there is no output load,
minimize internal loading on the reference by setting
the DAC to all 0s (on the MAX531, use
CLR). Under this
condition, REFIN is high impedance and the op amp
operates at its minimum quiescent current. Due to
these low current levels, the output settling time for an
input code close to 0 typically increases to 60µs (no
more than 100µs).
+5V, Low-Power, Voltage-Output,
Serial 12-Bit DACs
12
______________________________________________________________________________________
Figure 8. Bipolar Configuration (-2.048V to +2.048V Output)
Table 3. Bipolar (Offset Binary) Code
Table (-VREFIN to +VREFIN Output)
33µF
REFIN
REFOUT
AGND
DGND
BIPOFF
RFB
VOUT
VOUT
-5V
+5V
MAX531
INPUT
OUTPUT
1111
1111
1111
1000
0000
0001
1000
0000
0000
0111
1111
1111
0000
0000
0001
0000
0000
0000
(+VREFIN)
2047
2048
(+VREFIN)
1
2048
(-VREFIN)
1
2048
(-VREFIN)
2047
2048
0V
(-VREFIN)
2048
2048
= -VREFIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com