Electronic Components Datasheet Search
  English  ▼

X  

MAX531ACPD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX531ACPD
Description  5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX531ACPD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX531ACPD Datasheet HTML 7Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 8Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 9Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 10Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 11Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 12Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 13Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 14Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
+5V, Low-Power, Voltage-Output,
Serial 12-Bit DACs
______________________________________________________________________________________
11
MAX531
MAX538
MAX539
MICROWIRE
PORT
SCLK
DIN
CS
DOUT
SK
SO
I/O
SI
THE DOUT-SI CONNECTION IS NOT REQUIRED FOR WRITING TO THE
DEVICE, BUT MAY BE USED FOR VERIFYING DATA TRANSFER .
MAX531
MAX538
MAX539
SPI
PORT
SCLK
DIN
CS
DOUT
SCK
MOSI
I/O
MISO
THE DOUT-MISO CONNECTION IS NOT REQUIRED FOR WRITING TO THE
DEVICE, BUT MAY BE USED FOR VERIFYING DATA TRANSFER .
CPOL = 0, CPHA = 0
Figure 4. Microwire Connection
Figure 5. SPI/QSPI Connection
Figure 6. Unipolar Configuration (0V to +2.048V Output)
33µF
REFIN
REFOUT
AGND
DGND
VDD
VSS
BIPOFF
RFB
VOUT
VOUT
0V TO -5V
+5V
G = +1
MAX531
33µF
REFIN
REFOUT
AGND
DGND
VDD
VSS
BIPOFF
RFB
VOUT
VOUT
0V TO -5V
+5V
G = +2
MAX531
Table 1. Unipolar Binary Code Table
(0V to VREFIN Output), Gain = +1
Figure 7. Unipolar Configuration (0V to +4.096V Output)
Table 2. Unipolar Binary Code Table
(0V to 2VREFIN Output), Gain = +2
INPUT
OUTPUT
1111
1111
1111
1000
0000
0001
1000
0000
0000
0111
1111
1111
0000
0000
0001
0000
0000
0000
(VREFIN)
4095
4096
(VREFIN)
2049
4096
(VREFIN)
2048
4096
(VREFIN)
2047
4096
(VREFIN)
1
4096
OV
= +VREFIN / 2
INPUT
OUTPUT
1111
1111
1111
1000
0000
0001
1000
0000
0000
0111
1111
1111
0000
0000
0001
0000
0000
0000
+2 (VREFIN)
4095
4096
+2 (VREFIN)
2049
4096
+2 (VREFIN)
2048
4096
+2 (VREFIN)
2047
4096
+2 (VREFIN)
1
4096
OV
= +VREFIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com