Electronic Components Datasheet Search
  English  ▼

X  

MAX531ACPD Datasheet(PDF) 14 Page - Maxim Integrated Products

Part # MAX531ACPD
Description  5V, Low-Power, Voltage-Output, Serial 12-Bit DACs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX531ACPD Datasheet(HTML) 14 Page - Maxim Integrated Products

Back Button MAX531ACPD Datasheet HTML 8Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 9Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 10Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 11Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 12Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 13Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 14Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 15Page - Maxim Integrated Products MAX531ACPD Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
+5V, Low-Power, Voltage-Output,
Serial 12-Bit DACs
14
______________________________________________________________________________________
__Ordering Information (continued)
*Dice are specified at TA = +25°C only.
____Pin Configurations (continued)
1
2
3
4
14
13
12
11
RFB
VDD
VOUT
VSS
SCLK
CLR
DIN
BIPOFF
DIP/SO
TOP VIEW
MAX531
5
6
7
10
9
8
REFOUT
REFIN
AGND
DGND
DOUT
CS
___________________Chip Topography
REFIN
DOUT
( ) ARE FOR MAX531 ONLY.
0.120"
(3.048mm)
0.080"
(2.032mm)
SCLK
CS
AGND
(DGND)
(REFOUT)
(VSS)
VOUT
DIN
(BIPOFF) (RFB)
VDD
(CLR)
TRANSISTOR COUNT: 922
SUBSTRATE CONNECTED TO VDD
±1
8 SO
0°C to +70°C
MAX539BCSA
±1
8 SO
-40°C to +85°C
MAX539BESA
±1/2
8 SO
-40°C to +85°C
MAX539AESA
±1
8 Plastic DIP
-40°C to +85°C
MAX539BEPA
±1/2
8 Plastic DIP
-40°C to +85°C
MAX539AEPA
±1
Dice*
0°C to +70°C
MAX539BC/D
±1/2
8 SO
0°C to +70°C
MAX539ACSA
±1
8 Plastic DIP
0°C to +70°C
MAX539BCPA
±1/2
8 Plastic DIP
0°C to +70°C
MAX539ACPA
±1
8 SO
-40°C to +85°C
MAX538BESA
±1/2
8 SO
-40°C to +85°C
MAX538AESA
±1
8 Plastic DIP
-40°C to +85°C
MAX538BEPA
±1/2
8 Plastic DIP
-40°C to +85°C
MAX538AEPA
±1
8 SO
0°C to +70°C
MAX538BCSA
±1/2
8 SO
0°C to +70°C
MAX538ACSA
±1
8 Plastic DIP
0°C to +70°C
MAX538BCPA
±1/2
8 Plastic DIP
0°C to +70°C
MAX538ACPA
±1
14 SO
-40°C to +85°C
MAX531BESD
±1/2
±1
14 SO
-40°C to +85°C
MAX531AESD
±1/2
ERROR
(LSB)
±1
14 Plastic DIP
-40°C to +85°C
MAX531BEPD
14 Plastic DIP
-40°C to +85°C
MAX531AEPD
PIN-PACKAGE
TEMP. RANGE
PART
Dice*
0°C to +70°C
MAX538BC/D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com