Electronic Components Datasheet Search
  English  ▼

X  

MAX535 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX535
Description  Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX535 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX535 Datasheet HTML 1Page - Maxim Integrated Products MAX535 Datasheet HTML 2Page - Maxim Integrated Products MAX535 Datasheet HTML 3Page - Maxim Integrated Products MAX535 Datasheet HTML 4Page - Maxim Integrated Products MAX535 Datasheet HTML 5Page - Maxim Integrated Products MAX535 Datasheet HTML 6Page - Maxim Integrated Products MAX535 Datasheet HTML 7Page - Maxim Integrated Products MAX535 Datasheet HTML 8Page - Maxim Integrated Products MAX535 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Low-Power, 13-Bit Voltage-Output DACs
with Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS: MAX535
(VDD = +5V ±10%, REF = 2.5V, GND = 0V, RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C. Output buffer connected in unity-gain configuration (Figure 8).)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND .................................................................-0.3V, +6V
REF, OUT, FB to GND ................................-0.3V to (VDD + 0.3V)
Digital Inputs to GND ...............................................-0.3V to +6V
Continuous Current into Any Pin.......................................±20mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 6.90mW/°C above +70°C) .................552mW
µMAX (derate 4.00mW/°C above +70°C) ......................330mW
CERDIP (derate 8.00mW/°C above +70°C) ...................640mW
Operating Temperature Ranges
MAX535_C_A/MAX5351_C_A...............................0°C to +70°C
MAX535_E_A/MAX5351_E_A ............................-40°C to +85°C
MAX535BMJA/MAX5351BMJA .......................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Code dependent, minimum at code 1555 hex
4.5V
≤ VDD ≤ 5.5V
MAX535MJA
CONDITIONS
k
Ω
14
20
RREF
Reference Input Resistance
V
0VDD - 1.4
VREF
Reference Input Range
µV/V
PSRR
Power-Supply Rejection Ratio
600
±0.5
Bits
13
N
Resolution
ppm/°C
1
Gain-Error Tempco
LSB
GE
Gain Error (Note 1)
-0.5
±6
ppm/°C
6
TCVOS
Offset-Error Tempco
LSB
±1.0
INL
Integral Nonlinearity
(Note 1)
±2.0
±0.3
±8
mV
VOS
Offset Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX535A
MAX535B
Guaranteed monotonic
LSB
±1.0
DNL
Differential Nonlinearity
VREF = 0.67Vp-p
kHz
650
Reference -3dB Bandwidth
Input code = all 0s, VREF = 3.6Vp-p at 1kHz
VREF = 1Vp-p at 25kHz, code = full scale
dB
77
SINAD
Signal-to-Noise Plus
Distortion Ratio
dB
-84
Reference Feedthrough
V
2.4
VIH
Input High Voltage
VIN = 0V or VDD
pF
8
CIN
Input Capacitance
µA
0.001
±0.5
IIN
Input Leakage Current
V
0.8
VIL
Input Low Voltage
STATIC PERFORMANCE—ANALOG SECTION
DIGITAL INPUTS
REFERENCE INPUT
MULTIPLYING-MODE PERFORMANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com