Electronic Components Datasheet Search
  English  ▼

X  

MAX535 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX535
Description  Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX535 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX535 Datasheet HTML 3Page - Maxim Integrated Products MAX535 Datasheet HTML 4Page - Maxim Integrated Products MAX535 Datasheet HTML 5Page - Maxim Integrated Products MAX535 Datasheet HTML 6Page - Maxim Integrated Products MAX535 Datasheet HTML 7Page - Maxim Integrated Products MAX535 Datasheet HTML 8Page - Maxim Integrated Products MAX535 Datasheet HTML 9Page - Maxim Integrated Products MAX535 Datasheet HTML 10Page - Maxim Integrated Products MAX535 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Low-Power, 13-Bit Voltage-Output DACs
with Serial Interface
_______________________________________________________________________________________
7
2
µs/div
OUT,
AC COUPLED
10mV/div
CODE = 4096
DIGITAL FEEDTHROUGH (fSCLK = 100kHz)
SCLK,
2V/div
CS = 5V
____________________________Typical Operating Characteristics (continued)
(MAX535 only, VDD = +5V, RL = 5kΩ, CL = 100pF, TA = +25°C, unless otherwise noted.)
10
µs/div
MAJOR-CARRY TRANSITION
OUT,
AC COUPLED
100mV/div
CS
5V/div
10
µs/div
DYNAMIC RESPONSE
OUT
1V/div
GND
GAIN = 2, SWITCHING FROM CODE 0 TO 8040
MAX535 (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com