Electronic Components Datasheet Search
  English  ▼

X  

MAX535 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX535
Description  Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX535 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX535 Datasheet HTML 1Page - Maxim Integrated Products MAX535 Datasheet HTML 2Page - Maxim Integrated Products MAX535 Datasheet HTML 3Page - Maxim Integrated Products MAX535 Datasheet HTML 4Page - Maxim Integrated Products MAX535 Datasheet HTML 5Page - Maxim Integrated Products MAX535 Datasheet HTML 6Page - Maxim Integrated Products MAX535 Datasheet HTML 7Page - Maxim Integrated Products MAX535 Datasheet HTML 8Page - Maxim Integrated Products MAX535 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Low-Power, 13-Bit Voltage-Output DACs
with Serial Interface
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS: MAX5351
(VDD = +3.15V to +3.6V, REF = 1.25V, GND = 0V, RL = 5kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C. Output buffer connected in unity-gain configuration (Figure 8).)
Guaranteed monotonic
LSB
Code dependent, minimum at code 1555 hex
±1.0
VREF = 0.67Vp-p
DNL
kHz
Differential Nonlinearity
650
MAX5351MJA
Reference -3dB Bandwidth
CONDITIONS
Input code = all 0s, VREF = 1.9Vp-p at 1kHz
VREF = 1Vp-p at 25kHz, code = full scale
dB
72
k
Ω
14
20
RREF
Reference Input Resistance
V
0VDD - 1.4
VREF
Reference Input Range
SINAD
Signal-to-Noise Plus
Distortion Ratio
dB
-84
Reference Feedthrough
V
2.4
VIH
Input High Voltage
µV/V
PSRR
Power-Supply Rejection Ratio
600
VIN = 0V or VDD
±1
MAX5351A
MAX5351B
Bits
13
N
Resolution
ppm/°C
1
Gain-Error Tempco
LSB
GE
Gain Error (Note 4)
-0.5
±6
pF
ppm/°C
6
TCVOS
Offset-Error Tempco
LSB
±2
INL
Integral Nonlinearity
(Note 4)
8
±4
CIN
Input Capacitance
µA
±0.3
±8
0.001
±0.5
IIN
mV
Input Leakage Current
VOS
Offset Error
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V
0.6
VIL
Input Low Voltage
To ±1/2LSB, VSTEP = 1.25V
Rail-to-rail (Note 5)
V
0 to VDD
Output Voltage Swing
µs
16
Output Settling Time
V/µs
0.6
SR
Voltage Output Slew Rate
µA
0.001
±0.1
Current into FB
CS = VDD, DIN = 100kHz
V
3.15
3.6
VDD
Supply Voltage
nV-s
5
Digital Feedthrough
(Note 6)
(Note 6)
µA
0.001
±0.5
Reference Current in Shutdown
µA
1.6
10
Supply Current in Shutdown
mA
0.24
0.4
IDD
Supply Current
µs
20
Time to Valid Operation
on Start-Up
STATIC PERFORMANCE—ANALOG SECTION
DIGITAL INPUTS
REFERENCE INPUT
MULTIPLYING-MODE PERFORMANCE (VDD = +3.3V)
DYNAMIC PERFORMANCE
POWER SUPPLIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com