Electronic Components Datasheet Search
  English  ▼

X  

MAX535 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX535
Description  Low-Power, 13-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX535 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX535 Datasheet HTML 2Page - Maxim Integrated Products MAX535 Datasheet HTML 3Page - Maxim Integrated Products MAX535 Datasheet HTML 4Page - Maxim Integrated Products MAX535 Datasheet HTML 5Page - Maxim Integrated Products MAX535 Datasheet HTML 6Page - Maxim Integrated Products MAX535 Datasheet HTML 7Page - Maxim Integrated Products MAX535 Datasheet HTML 8Page - Maxim Integrated Products MAX535 Datasheet HTML 9Page - Maxim Integrated Products MAX535 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Low-Power, 13-Bit Voltage-Output DACs
with Serial Interface
6
_______________________________________________________________________________________
10
9
8
7
6
5
4
3
2
1
0
-60
-20
20
60
100
140
POWER-DOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
-100
0.5
1.6
3.8
OUTPUT FFT PLOT
-60
0
FREQUENCY (kHz)
2.7
4.9
6.0
-20
-40
-80
VREF = 3.6Vp-p
CODE = FULL SCALE
fIN = 1kHz
4.0
4.4
4.8
6.0
5.2
5.6
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
400
350
500
450
300
250
150
100
200
50
0
-50
-90
1
100
TOTAL HARMONIC DISTORTION
PLUS NOISE vs. FREQUENCY
-85
FREQUENCY (kHz)
-70
-60
10
-55
-80
-75
-65
VREF = 2.5VDC + 1Vp-p SINE
CODE = FULL SCALE
2.500
2.490
0.01k
0.1k
1k
10k
10M
1M
100k
FULL-SCALE OUTPUT
vs. LOAD
2.492
2.491
LOAD (
Ω)
2.494
2.493
2.496
2.495
2.498
2.497
2.499
-100
0.5
1.6
3.8
REFERENCE FEEDTHROUGH
AT 1kHz
-60
0
FREQUENCY (kHz)
2.7
4.9
6.0
-20
-40
-80
OUTPUT FEEDTHROUGH
REFERENCE INPUT SIGNAL
__________________________________________Typical Operating Characteristics
(MAX535 only, VDD = +5V, RL = 5kΩ, CL = 100pF, TA = +25°C, unless otherwise noted.)
-0.5
0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 3.6 4.0
REFERENCE VOLTAGE (V)
4.4
0.3
0.2
0.1
0
-0.1
-0.2
-0.3
-0.4
INTEGRAL NONLINEARITY
vs. REFERENCE VOLTAGE
0
-4
-8
-12
-16
-20
500k
0
1M
1.5M
2M
2.5M
3M
REFERENCE VOLTAGE INPUT
FREQUENCY RESPONSE
FREQUENCY (Hz)
400
380
360
340
320
300
280
260
240
220
200
-60
-20
20
60
100
140
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
RL = ∞
MAX535



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com