Electronic Components Datasheet Search
  English  ▼

X  

FT6000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FT6000
Description  Smart Transceivers for the IzoTTM Platform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT6000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FT6000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT6000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT6000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT6000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
money. Free topology wiring also simplifies network expansion
by eliminating restrictions on wire routing, splicing, and device
placement. The FT 6000 extends all the benefits of Free
Topology wiring to IP devices, allowing an efficient multi-drop
IP capability where multiple IP devices can be very simply
connected in any topology without the need for switches or
hubs.
The FT-X3 Communications Transformer is a surface mount
communications transformer that is compatible with both
the FT 6000 Smart Transceiver and the previous-generation
FT 5000/FT 3120/FT 3150 Smart Transceivers. The FT-X3
Communications Transformer provides equivalent noise
immunity to both the FT-X1 and FT-X2 Communication
Transformers, the previous-generation communication
transformers. However, the FT-X3 Communications
Transformer is not pin-compatible with the FT-X2
Communication Transformer (which is also a surface mount
transformer). The FT 6000 Smart Transceiver can also be used
with the FT-X1 and FT-X2 Communication Transformers.
Multi-protocol Operation, Future Proofing and
Backward Compatibility
The FT 6000 supports up to four different modes of operation,
as shown in Figure 3, allowing device makers unprecedented
flexibility in creating control devices for a wide variety of
applications using one common development effort. Backward
compatibility and future proofing can both be met using a
common platform based on the FT 6000 family.
The FT 6000 series Smart Transceiver is fully compliant with
the TP/FT-10 channel and can communicate with devices that
use Echelon’s FTT-10/FTT-10A Transceivers, FT 3120/FT 3150
Smart Transceivers, or LPT-10/LPT-11 Link Power Transceivers.
The Neuron core in the FT 6000 series Smart Transceiver uses
the same instruction set and architecture as the previous-
generation Neuron core, including instructions for hardware
multiplication and division. The Series 6000 Neuron core is
source code compatible with applications written for the Series
5000 and 3100 Neuron core. Applications written for the
Series 5000 and 3100 Neuron Core must be recompiled with
the IzoT NodeBuilder Software before they can be used with
the FT 6000 Smart Transceiver.
The FT 6000 series Smart Transceiver uses Neuron firmware
version 21 or later. Firmware versions prior to version 21
are not compatible with the FT 6000 Smart Transceiver. The
Neuron firmware is loaded into RAM from off-chip flash. The FT
6000 Smart Transceiver firmware can be upgraded over the
network.
In the “LonTalk Stack over FT” mode, the FT 6000 runs the
complete LonTalk stack and is fully backward compatible with
devices running the LonTalk stack, including devices based
on the Neuron 3120, Neuron 3150 or FT 3120/3150/5000
Smart Transceiver.
In the “LonTalk IP stack over FT” mode, the FT 6000 preserves
the services offered by LonTalk layers 4-7, replacing layers 2-3
with UDP/IP. This allows the creation of devices that are fully
compatible with LonTalk applications while supporting native IP
addressing at the device level. In this mode, the network layer
has been enhanced to support translation between LonTalk
addresses and IP addresses in a manner that is transparent to
both the LonTalk application above and the FT network below.
This allows LonTalk compatible applications to run unmodified
over Free Topology wiring while gaining IP addressing at the
device level.
In the “BACnet/IP over FT” mode, LonTalk layers 4-6 services
are used to create BACnet/IP devices borrowing from a
rich set of LONMARK® services and profiles. LONMARK
compatible applications can now run unmodified over a very
reliable Free Topology channel, and present their LONMARK
interfaces as native BACnet Objects thus pushing BACnet/
IP all the way down to the simplest of devices. Provisioning
and commissioning of BACnet/IP devices is now possible
with available and powerful LONWORKS commissioning tools.
Devices thus provisioned are fully compatible and discoverable
using industry standard, BTL certified, BACnet management
clients.
Figure 3: FT 6000 Modes of Operation
Applica'on
Layer

14908‐1
L4‐L6

14908‐1
MAC

14908‐2
PHY

14908‐1

L2‐L3

14908‐1
MAC
(modified)

IP

FT 6000 Chip
BACnet/IP

LonTalk Stack
over FT
LonTalk IP
Stack over FT
BACnet IP
over FT
Any IP
over FT
Figure 2: FT Free Topology Network Configurations



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com