Electronic Components Datasheet Search
  English  ▼

X  

FT6000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # FT6000
Description  Smart Transceivers for the IzoTTM Platform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT6000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  FT6000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT6000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT6000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT6000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
And finally, in the “Any IP over FT” mode, the FT 6000 allows
any control protocol to be modernized with IP addressing
transported over the proven Free Topology channel.
Enhanced Performance
Fast system clock.
The internal system clock for the FT 6000
Smart Transceiver can be user-configured to run from 5MHz
to 80MHz. The required external crystal provides a 10MHz
clock frequency, and an internal PLL boosts the frequency to a
maximum of 80MHz as the internal system clock speed. The
fast clock is the same as what is available with the FT 5000;
however, the Neuron 3120/3150 core divided the external
oscillator frequency by two to create the internal system clock.
An FT 6000 (or FT 5000) Smart Transceiver running with an
80MHz internal system clock is thus 16 times faster than a
10MHz Neuron 3120/3150 core.
The 5MHz internal system clock mode in the FT 6000 Smart
Transceiver provides backward compatibility to support timing-
critical applications designed for the 10MHz FT 3150 or FT
3120 Smart Transceiver.
The Neuron core inside the FT 6000 Smart Transceiver
includes a built-in hardware multiplier and divider to increase
the performance of arithmetic operations.
Support for large number of network variables.
Interrupts.
The FT 6000 Smart Transceiver lets developers
define application interrupts to handle asynchronous events
triggered by selected state changes on any of the 12 I/O pins,
by on-chip hardware timer-counter units, or by an on-chip
high-performance hardware system timer. An application uses
the Neuron C interrupt() clause to define the interrupt condition
and the interrupt task that handles the condition. The Neuron
C program runs the interrupt task whenever the interrupt
condition is met. See the Neuron C Programmer’s Guide for
more information about writing interrupt tasks and handling
interrupts.
Enhancements for processing IP packets:
The FT 6000 has an enhanced MAC layer that allows frame
sizes, up to 1280 bytes that allows large IP frames to be
carried over the FT channel without fragmenting the packet
which provides better bandwidth utilization of the FT channel.
Having dedicated processor contexts for the MAC and network
protocol support, allows the application to have the same
performance independent of the network traffic. Traditional
uni-processor designs running popular transceivers such as
RS-485 must be interrupted repeatedly to receive every packet
on the network, even when the packet turns out to not be
addressed to the node. This increases the demands on the
application processor and makes the amount of processing
available to the application difficult to predict as it becomes a
function of the network load.
JTAG.
The FT 6000 Smart Transceiver provides an interface
for the Institute of Electrical and Electronics Engineers (IEEE)
Standard Test Access Port and Boundary-Scan Architecture
(IEEE 1149.1-1990) of the Joint Test Action Group (JTAG) to
allow a Series 6000 chip to be included in the boundary-scan
chain for device production tests.
I/O Pins and Counters
The FT 6000 Smart Transceiver provides 12 bidirectional I/O
pins that are 5V-tolerant and can be configured to operate in
one or more of 35 predefined standard input/output models.
The chip also has two 16-bit timer/counters that reduce the
need for external logic and software development.
Memory Architecture
The FT 6000 series Smart Transceiver eliminates the need
for external serial EEPROM that the previous generation FT
5000 required and instead relies only on inexpensive external
flash memories for non-volatile application and data storage,
and for Neuron firmware upgrades. It has 16KB of ROM and
64KB (44KB user-accessible) of RAM on the chip. It has no
on-chip non-volatile memory for application use. Each chip,
however, contains its unique identifier (IEEE MAC ID) in an
on-chip, non-volatile, read-only memory. Typical external flash
memory configuration is 512KB of which 128KB is available
for application code. This is a three-fold increase in application
size that can be hosted on the FT 6000 compared to previous
generations. Larger application sizes are possible with larger
flashes. For example, a 256KB application is possible on a 1
MB flash part.
The application code and configuration data are stored in
the external non-volatile memory (NVM) and copied into the
internal RAM during device reset; the instructions then execute
from internal RAM. Writes to NVM are shadowed in the internal
RAM and pushed out to external NVM by the Neuron firmware.
The application does not manage NVM directly.
External memories supported.
The FT 6000 Smart Transceiver
supports serial peripheral interface (SPI) for accessing off-chip,
non-volatile memory.
The FT 6000 Smart Transceiver supports a variety of flash
devices from different manufacturers. Echelon has qualified
the following SPI flash memory devices for use with the FT
6000 Smart Transceiver:
Winbond W25X40CL 4-Mbit SPI Serial Flash Memory.
Memory map.
The FT 6000 maps the Neuron firmware,
application code, application data, and system data to an
on-chip 64 KB RAM. The Neuron firmware, application code,
persistent data are loaded from an external serial flash
memory. The application code and persistent data can be up
to 256 KB, and is automatically swapped into and out of the
on-chip RAM by the Neuron firmware.
Programming memory devices.
Because the FT 6000 Series
Smart Transceiver does not have any on-chip user-accessible
NVM, only the external flash devices need to be programmed
with the application and configuration data. The memory
devices can be programmed in any of the following ways:
• In-circuit programming on the board.
• Over the network.
• Pre-programming before soldering on the board.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com