Electronic Components Datasheet Search
  English  ▼

X  

FT6000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FT6000
Description  Smart Transceivers for the IzoTTM Platform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT6000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FT6000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT6000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT6000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT6000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Noise Immunity
A LONWORKS device based on the FT 6000 Series Smart
Transceiver is composed of two components: the FT 6000
Series Smart Transceiver and an external communications
transformer (the FT-X3). The transformer enables operation
in the presence of high frequency common-mode noise on
unshielded twisted-pair networks. Properly designed devices
can meet the rigorous Level 3 requirements of EN 61000-
4-6 without the need for a network isolation choke. The
transformer also offers outstanding immunity from magnetic
noise, eliminating the need for protective magnetic shields in
most applications.
The FT 6000 Series Smart Transceiver and the FT-X3
Communications Transformer are designed to be used as
a pair, and therefore must be implemented together in all
designs. No transformer other than the FT-X3 (or FT-X1 or
FT-X2) communications transformer may be used with the FT
6000 Smart Transceiver or the smart transceiver warranty will
be void.
Migration Considerations
A typical FT 6000 Smart Transceiver-based device requires a
power source, crystal, external memory, and an I/O interface to
the device being controlled (see Figure 4 for a typical FT 6000
Smart Transceiver-based device).
Echelon provides all of the building blocks required to
successfully design and field cost-effective, robust products
based on the FT 6000 Smart Transceivers. Our end-to-end
solutions include a comprehensive set of development tools,
network interfaces, routers, and network tools. In addition,
pre-production design review services, training, and worldwide
technical support (including onsite support) are available
through Echelon’s Support technical assistance program.
Please contact your local Echelon representative for
further details.
Odering Information
The FT 6000 is a family of transceivers: FT 6050 and FT 6010.
14450R-500
FT 6050 Smart Transceiver: Supports all four
operating modes LonTalk Stack over FT, LonTalk/IP Stack over
FT, BACnet/IP over FT and Any IP over FT
14410R-500
FT 6010 Smart Transceiver: Supports three
operating modes: LonTalk/IP Stack over FT, BACnet/IP over FT
and Any IP over FT
14255R-100
FT-X3 Communications Transformer
Figure 4: Typical LONWORKS based device
Crystal
(10 MHz)
Power Source
I/O
LONWORKS or other Network Channel
FT 6000
IzoT SoC
External
Transformer
(FT-X3)
Sense or Control
Devices: Motors,
Valves, Lights, Relays,
Switches, Controllers
Serial SPI
Flash
© 2014 Echelon, LonWorks, and the Echelon logo are trademarks of Echelon Corporation registered in the United States and other countries.
IzoT is a trademark of Echelon Corporation. Content subject to change without notice.
Preliminary
®



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com