Electronic Components Datasheet Search
  English  ▼

X  

FT6000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FT6000
Description  Smart Transceivers for the IzoTTM Platform
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT6000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FT6000 Datasheet HTML 1Page - List of Unclassifed Manufacturers FT6000 Datasheet HTML 2Page - List of Unclassifed Manufacturers FT6000 Datasheet HTML 3Page - List of Unclassifed Manufacturers FT6000 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.echelon.com
FT 6000 Key Features
• 3.3V operation. 80MHz system clock,
64KB RAM and 16KB ROM on-chip
memories
• Support for larger external flash
memories, up to 256KB applications
• Supports up to 254 Network Variables
(NVs) and 127 aliases. up to 254
address table entries (16-fold increase)
• Low-cost surface mount FT-X3
Communications Transformer.
• Supports polarity-insensitive free
topology star, daisy chain, bus, loop,
or mixed topology wiring. Very high
common-mode noise immunity.
• User-programmable interrupts ,
hardware UART, 12 I/O pins with 35
programmable standard I/O models
• Flash file system for data logging and
other applications requiring persistent
storage
• Unique 48-bit IEEE MAC ID
• 7 mm x 7 mm 48-pin QFN package,
-40°C to +85°C.
FT 6000
Smart Transceivers for the IzoTTM Platform
The FT 6000 family of Smart
Transceivers is the next-generation
system-on-chips for modernizing and
consolidating smart control networks.
It is a key product in Echelon’s IzoT™
platform — the most comprehensive
and open control networking platform
for the Industrial Internet of Things
(IIoT). It offers options for backward
compatibility with LONWORKS® while
adding native IP addressing at the
device level and consolidating multiple
control protocols on the same device
carried over the reliable and proven Free
Topology channel. It is designed to bring
unprecedented flexibility and openness
while lowering development and
device costs.
The FT 6000 Smart Transceiver family
integrates a high-performance Neuron®
core with a free topology twisted-pair
transceiver. Combined with the proven
FT-X3 Communications Transformer and
inexpensive flash memory, the FT 6000
Smart Transceivers provide a very flexible,
low-cost, feature enhanced LONWORKS
or IzoT/IP or BACnet/IP solution all within
the same device.
The FT6000 series Smart Transceiver
includes three independent 8-bit logical
processors to manage the physical
MAC layer, the network, and the user
application. These are called the Media-
Access Control (MAC) processor, the
network (NET) processor, and the
application (APP) processor, respectively
(see Figure 1). At higher system clock
rates, a fourth processor called the IRQ
CPU can be used to handle interrupts.
The FT 6000 Smart Transceiver supports
polarity-insensitive cabling using a star,
bus, daisy-chain, loop, or combination
topology (see Figure 2). Thus, installers
don’t have to follow a strict set of wiring
rules imposed by other networking
technologies. Instead, they can install
wiring in the fastest and most cost-
effective manner, thereby saving time and
Figure 1: FT 6000
Smart Transceiver Chip
Preliminary
I / O
Comm
Port
External
Transformer
JTAG
5
Clock, Reset,
and Service
APP CPU
NET CPU
MAC CPU
Serial
Memory
Interface
NVM
(SPI)
ROM
(16K x 8)
RAM
(64K x 8)
/
/
12
2-6
5
/
IRQ CPU
®


Similar Part No. - FT6000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FT600 MACOM-FT600 Datasheet
132Kb / 2P
New surface-mount fuse products for overcurrent protection of communications equipment
logo
Future Technology Devic...
FT600 FTDI-FT600 Datasheet
1Mb / 29P
The FT600/FT601 is a USB 3.0 to FIFO interface bridge chip with the following advanced features
logo
Tyco Electronics
FT600-0500 MACOM-FT600-0500 Datasheet
132Kb / 2P
New surface-mount fuse products for overcurrent protection of communications equipment
FT600-0500 MACOM-FT600-0500 Datasheet
323Kb / 22P
PolySwitch Resettable Devices Telecommunications & Networking Devices
FT600-0500-2 MACOM-FT600-0500-2 Datasheet
132Kb / 2P
New surface-mount fuse products for overcurrent protection of communications equipment
More results

Similar Description - FT6000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN-XV-EK-DS ETC2-RN-XV-EK-DS Datasheet
401Kb / 6P
The RN-XV-EK is an evaluation platform for the RN-XV module.
ARGOS-A10X ETC1-ARGOS-A10X Datasheet
1Mb / 27P
This guide applies to all smart cameras based on the Argos짰 smart camera platform from Bluetechnix GmbH.
logo
STMicroelectronics
AN3206 STMICROELECTRONICS-AN3206 Datasheet
287Kb / 14P
PCB design guidelines for the STM32W108 platform
16-Mar-2011
AN3218 STMICROELECTRONICS-AN3218 Datasheet
101Kb / 6P
Adjacent channel rejection measurements for the STM32W108 platform
04-Mar-2011
AN3261 STMICROELECTRONICS-AN3261 Datasheet
635Kb / 17P
The Smart Reset
22-Sep-2010
logo
List of Unclassifed Man...
FT3120 ETC2-FT3120 Datasheet
2Mb / 16P
Topology Smart Transceivers
NEURON6050 ETC2-NEURON6050 Datasheet
5Mb / 4P
IP Processor for IzoTTM Enabled Devices
PL3120 ETC2-PL3120 Datasheet
1Mb / 13P
Line Smart Transceivers
logo
Maxim Integrated Produc...
MAX30001EVSYS MAXIM-MAX30001EVSYS Datasheet
7Mb / 34P
Convenient Platform to Evaluate the MAX30001
Rev 0; 10/17
logo
Endress+Hauser Group Se...
CDC90 EH-CDC90 Datasheet
1Mb / 32P
The smart system for automated measuring points
2022-03-04
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com