Electronic Components Datasheet Search
  English  ▼

X  

S1323 Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S1323
Description  HIGH RIPPLE-REJECTION AND SMALL PACKAGE
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S1323 Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S1323 Datasheet HTML 2Page - Seiko Instruments Inc S1323 Datasheet HTML 3Page - Seiko Instruments Inc S1323 Datasheet HTML 4Page - Seiko Instruments Inc S1323 Datasheet HTML 5Page - Seiko Instruments Inc S1323 Datasheet HTML 6Page - Seiko Instruments Inc S1323 Datasheet HTML 7Page - Seiko Instruments Inc S1323 Datasheet HTML 8Page - Seiko Instruments Inc S1323 Datasheet HTML 9Page - Seiko Instruments Inc S1323 Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
HIGH RIPPLE-REJECTION AND SMALL PACKAGE CMOS VOLTAGE REGULATOR
S-1323 Series
Rev.5.1_00
6
Seiko Instruments Inc.
Absolute Maximum Ratings
Table 4
(Ta
= 25°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Unit
Input voltage
VIN
VSS
−0.3 ∼ VSS+7
V
VON/OFF
VSS
−0.3 ∼ VIN+0.3
V
Output voltage
VOUT
VSS
−0.3 ∼ VIN+0.3
V
Power dissipation
SNT-4A
PD
300
*1
mW
SC-82AB
200 (When not mounted on board)
mW
400
*1
mW
Operation ambient temperature
Topr
−40 ∼ +85
°C
Storage temperature
Tstg
−40 ∼ +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size: 114.3 mm × 76.2 mm × t1.6 mm
(2) Board name: JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
(1) When mounted on board
(2) When not mounted on board
0
50
100
150
400
200
0
Ambient Temperature (Ta) (
°C)
500
300
100
SNT-4A
SC-82AB
0
50
100
150
400
200
0
Ambient Temperature (Ta) (
°C)
500
300
100
SC-82AB
Figure 4 Power Dissipation of Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com